Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC850C-215 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BC850C-215
Description  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC850C-215 Datasheet(HTML) 5 Page - NXP Semiconductors

  BC850C-215 Datasheet HTML 1Page - NXP Semiconductors BC850C-215 Datasheet HTML 2Page - NXP Semiconductors BC850C-215 Datasheet HTML 3Page - NXP Semiconductors BC850C-215 Datasheet HTML 4Page - NXP Semiconductors BC850C-215 Datasheet HTML 5Page - NXP Semiconductors BC850C-215 Datasheet HTML 6Page - NXP Semiconductors BC850C-215 Datasheet HTML 7Page - NXP Semiconductors BC850C-215 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2004 Jan 16
5
NXP Semiconductors
Product data sheet
NPN general purpose transistors
BC849; BC850
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
300
100
200
MBH724
10−2
10−1
hFE
1
IC (mA)
10
103
102
VCE = 5 V
BC849B; BC850B.
Fig.3 DC current gain; typical values.
handbook, full pagewidth
0
600
200
400
MBH725
10−2
10−1
hFE
1
IC (mA)
10
103
102
VCE = 5 V
BC849C; BC850C.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn