Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BC850C-215 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BC850C-215
Description  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BC850C-215 Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Jan 16
4
NXP Semiconductors
Product data sheet
NPN general purpose transistors
BC849; BC850
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1.
VBEsat decreases by about 1.7 mV/K with increasing temperature.
2.
VBE decreases by about 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 30 V
15
nA
IE = 0; VCB = 30 V; Tj = 150 °C
5
μA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
100
nA
hFE
DC current gain
IC = 10 μA; VCE = 5 V;
see Figs 2 and 3
BC849B; BC850B
240
BC849C; BC850C
450
DC current gain
IC = 2 mA; VCE = 5 V;
see Figs 2 and 3
BC849B; BC850B
200
290
450
BC849C; BC850C
420
520
800
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB = 5 mA
200
600
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 1
700
mV
IC = 100 mA; IB = 5 mA; note 1
900
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V; note 2
580
660
700
mV
IC = 10 mA; VCE = 5 V; note 2
770
mV
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
2.5
pF
Ce
emitter capacitance
IC = ic = 0; VEB = 500 mV; f = 1 MHz −
11
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
MHz
F
noise figure
IC = 200 μA; VCE = 5 V; RS = 2 kΩ;
f = 10 Hz to 15.7 kHz
4
dB
IC = 200 μA; VCE = 5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
4
dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn