Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4733A Datasheet(PDF) 2 Page - Dc Components

Part # 1N4733A
Description  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N4733A Datasheet(HTML) 2 Page - Dc Components

  1N4733A Datasheet HTML 1Page - Dc Components 1N4733A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Breakdown characteristics
1N47-SERIES
mA
240
200
160
120
80
0
5V
10V
15V
20V
25V
30V
IZ
VZ
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (1N4728A THRU 1N4754A)
1N4728A
3.3
76
10
400
1.0
100
1.0
1380
276
1N4729A
3.6
69
10
400
1.0
100
1.0
1260
252
1N4730A
3.9
64
9.0
400
1.0
50
1.0
1170
234
1N4731A
4.3
58
9.0
400
1.0
10
1.0
1085
217
1N4732A
4.7
53
8.0
500
1.0
10
1.0
965
193
1N4733A
5.1
49
7.0
550
1.0
10
1.0
890
178
1N4734A
5.6
45
5.0
600
1.0
10
2.0
810
162
1N4735A
6.2
41
2.0
700
1.0
10
3.0
730
146
1N4736A
6.8
37
3.5
700
1.0
10
4.0
660
133
1N4737A
7.5
34
4.0
700
0.5
10
5.0
605
121
1N4738A
8.2
31
4.5
700
0.5
10
6.0
550
110
1N4739A
9.1
28
5.0
700
0.5
10
7.0
500
100
1N4740A
10
25
7.0
700
0.25
10
7.6
454
91
1N4741A
11
23
8.0
700
0.25
5.0
8.4
414
83
1N4742A
12
21
9.0
700
0.25
5.0
9.1
380
76
1N4743A
13
19
10
700
0.25
5.0
9.9
344
69
1N4744A
15
17
14
700
0.25
5.0
11.4
304
61
1N4745A
16
15.5
16
700
0.25
5.0
12.2
285
57
1N4746A
18
14
20
750
0.25
5.0
13.7
250
50
1N4747A
20
12.5
22
750
0.25
5.0
15.2
225
45
1N4748A
22
11.5
23
750
0.25
5.0
16.7
205
41
1N4749A
24
10.5
25
750
0.25
5.0
18.2
190
38
1N4750A
27
9.5
35
750
0.25
5.0
20.6
170
34
1N4751A
30
8.5
40
1000
0.25
5.0
22.8
150
30
1N4752A
33
7.5
45
1000
0.25
5.0
25.1
135
27
1N4753A
36
7.0
50
1000
0.25
5.0
27.4
125
25
1N4754A
39
6.5
60
1000
0.25
5.0
29.7
115
23
Nominal
Zener
Voltage
VZ@IZT
Volts
Test
Current
IZT
mA
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK
Ohms
Ohms
IZK
mA
Maximum Reverse
Leakage Current
IR
@VR
uA
Volts
Maximum
Regulator
Current
IZM
mA
Max. Surge
Current
IR
mA
1.0
0.8
0.6
0.4
0.2
0
0
100
200
o
C
Valid provided that leads are kept at ambient
temperature at a distance of 10mm from case
Tamb
Admissible power dissipation
versus ambient temperature
W
163
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1N4733A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4733A SEMTECH_ELEC-1N4733A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
1N4733A PHILIPS-1N4733A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4733A VISHAY-1N4733A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
New Jersey Semi-Conduct...
1N4733A NJSEMI-1N4733A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Continental Device Indi...
1N4733A CDIL-1N4733A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
More results

Similar Description - 1N4733A

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N5221B DCCOM-1N5221B Datasheet
230Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLQ5221B DCCOM-DLQ5221B Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com