Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRE10201 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # CRE10201
Description  SPARK QUENCHER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

CRE10201 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  CRE10201 Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X2
CRE-10201
CRE-20151
CRE-30680
CRE-50500
3CRE-30680*
3CRE-50500
6CRE-50500
Electrical Specifications
● Dimensions
● Circuit
Features
Applications
● Broad use in industrial applications.
● External mounting tab.
● 1/2 watt non-inductive, high pulse resistor.
● Three phase delta connection (3 CRE). Three
phase three line (6 CRE).
● Automatic machines and industrial machinery.
Operating Temperature: -40~+85°C
UL
VDE
:UL1283
:IEC/EN 60384-14: 2005
E78644
128527
Safety Standard
File No.
Rated Voltage
250VAC
22
W
±1
3±0.5
(AWG18)
UL-1015
φ 4.3
F
±3 F±3
φ 4.3
22
W
±1
3±0.5
(AWG18)
UL-1015
F
±1
φ 4.3
15
W
±1
(AWG18)
UL-1015
3
Unit: mm
CRE Series
6CRE
3CRE
CRE
CRE
3CRE
6CRE
3CRE (3 Phase)
6CRE (3 Phase)
Soldering
Soldering
Soldering
* 3CRE-30680 is not UL approved.
Model numbering system
Series
name
Supported
number
Resistance
201
151
680
500
200Ω
150Ω
68Ω
50Ω
Capacitance
10
20
30
50
0.1μF
0.2μF
0.3μF
0.5μF
None
3
6
1 Phase
3 Phase
3 Phase
3 Line
R
CE
60
Safety
Standard
Class
Model
Number
0.1
0.2
0.3
0.5
0.3/1 phase
0.5
/1 phase
200(1/2W)
150(1/2W)
68(1/2W)
50(1/2W)
68 (1/2W) /1 phase
50(1/2W)
/1 phase
Capacitance
μF±20%
Resistance
Ω±30%
Dimensions
W
23
25
H
26
32
T
14
16
F
13
44
48
-
15
35 26
Peak
to
peak
Pulse
width
Repetitive
frequency
Pulse width
(sec) x
Frequency(Hz)
Peak
Pulse
Voltage
Pulse condition (max.)
700V
50msec.
70msec.
360Hz.
0.45
0.15
0.1
0.07
0.1
Test
Voltage
Insulation
Resistance
Line to Line
10,000MΩ
min.
Line to Case
100,000MΩmin.
(at 500VDC)
Line to Line
625VAC
50/60Hz 60sec
Line to Case
2,000VAC
50/60Hz 60sec
800V
max.
0.07
The combination of Resistance and Capacitance is shown in following chart.
CRE, 3CRE, 6CRE SERIES
SPARK QUENCHER


Similar Part No. - CRE10201

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CRE10102M103J88 MERITEK-CRE10102M103J88 Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
C&K Components
CRE10C-OT-AR CK-COMPONENTS-CRE10C-OT-AR Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRE10C-OT-CR CK-COMPONENTS-CRE10C-OT-CR Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRE10C-OT-S-R CK-COMPONENTS-CRE10C-OT-S-R Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRE10C-OTL0AR CK-COMPONENTS-CRE10C-OTL0AR Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
More results

Similar Description - CRE10201

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AU120033 OKAYA-AU120033_14 Datasheet
80Kb / 1P
   SPARK QUENCHER
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
   SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
   SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
   SPARK QUENCHER
RE12001 OKAYA-RE12001_14 Datasheet
78Kb / 1P
   SPARK QUENCHER
RE120001 OKAYA-RE120001 Datasheet
306Kb / 1P
   SPARK QUENCHER
XE01001 OKAYA-XE01001 Datasheet
401Kb / 1P
   SPARK QUENCHER
AU120033 OKAYA-AU120033 Datasheet
382Kb / 1P
   SPARK QUENCHER
XA120033 OKAYA-XA120033 Datasheet
284Kb / 1P
   SPARK QUENCHER
CRH-10680 OKAYA-CRH-10680 Datasheet
315Kb / 1P
   SPARK QUENCHER
logo
FOTEK CONTROLS CO., LTD...
SQ1-211W FOTEK-SQ1-211W Datasheet
318Kb / 2P
   SPARK Quencher
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com