Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-P1296-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-P1296-0
Description  Adapter-BNC Male to Double Binding Post
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-P1296-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-P1296-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
Adapter-BNC Male to Double Binding Post
Allows BNC female connector to be converted for used with standard
4mm test leads on 0.75” spacing
0.16” (4.11 mm) diameter holes in body give side stackable connections
Material: BNC: Tarnish resistant plated brass body and gold-plated
brass center contact; Banana Jacks: Brass body, Nickel-plated;
Insulator: Nylon
Length: 2.32" (59 mm)
*Std. Colors: -0 Black
RoHS Compliant
Part Number:
BU-00262-0
Description:
Adapter-BNC Male to
3907
Double Binding Post
BU-P1296
Mueller Electric Company
1208 Massillon Rd.
Akron, OH 44306
ISO 9001:2008
TEL: (800) 955-2629
TEL: (216) 771-5225
FAX: (216) 771-3068


Similar Part No. - BU-P1296-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
   Retractable Banana Plug
BU-P122505-2 ETC2-BU-P122505-2 Datasheet
306Kb / 1P
   Retractable Banana Plug
More results

Similar Description - BU-P1296-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3430 POMONA-3430 Datasheet
25Kb / 1P
   Adapter - Binding Post To BNC Male
MODEL3430 POMONA-MODEL3430 Datasheet
25Kb / 1P
   Adapter ??Binding Post To BNC Male
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
   Double Binding Post to 50 Ohm BNC Male Adapter
logo
Pomona Electronics
MODEL1296 POMONA-MODEL1296 Datasheet
33Kb / 1P
   BNC (Male) To Double Stacking Binding Post Jack
1296 POMONA-1296 Datasheet
33Kb / 1P
   BNC (Male) To Double Stacking Binding Post Jack
1469 POMONA-1469 Datasheet
34Kb / 1P
   Adapter - Binding Post To BNC Male, Four Terminal Isolation
MODEL1469 POMONA-MODEL1469 Datasheet
34Kb / 1P
   Adapter ??Binding Post To BNC Male, Four Terminal Isolation
MODEL5510 POMONA-MODEL5510 Datasheet
28Kb / 2P
   BNC To Banana Plug and Binding Post Adapter Kit
3296 POMONA-3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
MODEL3296 POMONA-MODEL3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com