Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C323-MCD Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS80C323-MCD
Description  High-Speed/Low-Power Micro
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C323-MCD Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS80C323-MCD Datasheet HTML 7Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 8Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 9Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 10Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 11Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 12Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 13Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 14Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DS80C320/DS80C323
11 of 42
On reset, the Stretch value will default to a 1, resulting in a three-cycle MOVX. Therefore, RAM access
will not be performed at full speed. This is a convenience to existing designs that may not have fast RAM
in place. When maximum speed is desired, the software should select a Stretch value of 0. When using
very slow RAM or peripherals, a larger stretch value can be selected. Note that this affects data memory
only and the only way to slow program memory (ROM) access is to use a slower crystal.
Using a Stretch value between 1 and 7 causes the microcontroller to stretch the read/write strobe and all
related timing. This results in a wider read/write strobe allowing more time for memory/peripherals to
respond. The timing of the variable speed MOVX is shown in the Electrical Specifications. Note that full
speed access is not the reset default case. Table 3 below shows the resulting strobe widths for each
Stretch value. The memory stretch is implemented using the Clock Control Special Function Register at
SFR location 8Eh. The stretch value is selected using bits CKCON.2-0. In the table, these bits are referred
to as M2 through M0. The first stretch (default) allows the use of common 120 ns or 150 ns RAMs
without dramatically lengthening the memory access.
DATA MEMORY CYCLE STRETCH VALUES Table 3
CKCON.2-0
MEMORY
RD
or WR STROBE
STROBE WIDTH
MD2
MD1
MD0
CYCLES
WIDTH IN CLOCKS
TIME @ 25 MHz
0
0
0
2
2
80 ns
0
0
1
3 (default)
4
160 ns
0
1
0
4
8
320 ns
0
1
1
5
12
480 ns
1
0
0
6
16
640 ns
1
0
1
7
20
800 ns
1
1
0
8
24
960 ns
1
1
1
9
28
1120 ns


Similar Part No. - DS80C323-MCD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C323-MCD MAXIM-DS80C323-MCD Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
logo
Dallas Semiconductor
DS80C323-MCD DALLAS-DS80C323-MCD Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C323-MCD MAXIM-DS80C323-MCD Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C323-MCD MAXIM-DS80C323-MCD Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C323-MCD++ MAXIM-DS80C323-MCD+ Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C323-MCD

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310_1 Datasheet
333Kb / 21P
   High-Speed Micro
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
   High-Speed Micro
logo
Texas Instruments
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
logo
Megawin Technology Co.,...
MPC2F35 MEGAWIN-MPC2F35 Datasheet
250Kb / 46P
   Low-speed USB micro-controller
logo
SINOWEALTH Electronic L...
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
   Low Speed USB Micro-controller
V2.0
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
   Low Speed USB Micro-controller
V1.0
logo
Megawin Technology Co.,...
MPC235 MEGAWIN-MPC235 Datasheet
672Kb / 50P
   Low-Speed USB Micro-Controller
logo
SINOWEALTH Electronic L...
SH61F83 SINOWEALTH-SH61F83 Datasheet
906Kb / 54P
   Low Speed USB Micro-controller
V2.0
logo
Maxim Integrated Produc...
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com