Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C550-FNL Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS87C550-FNL
Description  EPROM High-Speed Micro with A/D and PWM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C550-FNL Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS87C550-FNL Datasheet HTML 6Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 7Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 8Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 9Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 10Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 11Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 12Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 13Page - Dallas Semiconductor DS87C550-FNL Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
DS87C550
10 of 50
MEMORY RESOURCES
As is convention within the 8051 architecture, the DS87C550 uses three memory areas. The total memory
configuration of the DS87C550 is 8 kbytes of EPROM, 1 kbyte of data SRAM and 256 bytes of
scratchpad or direct RAM. The 1 kbyte of data space SRAM is read/write accessible and is memory
mapped.
This on-chip SRAM is reached by the MOVX instruction.
It is not used for executable
memory. The scratchpad area is 256 bytes of register mapped RAM and is identical to the RAM found on
the 80C52. There is no conflict or overlap among the 256 bytes and the 1k as they use different
addressing modes and separate instructions.
OPERATIONAL CONSIDERATION
The erasure window of the windowed CLCC package should be covered without regard to the
programmed/unprogrammed state of the EPROM. Otherwise, the device may not meet the AC and DC
parameters listed in the datasheet.
PROGRAM MEMORY
On-chip ROM begins at address 0000h and is contiguous through 1FFFh (8k). Exceeding the maximum
address of on-chip ROM will cause the DS87C550 to access off-chip memory. However, the maximum
on-chip decoded address is selectable by software using the ROMSIZE feature. Software can cause the
DS87C550 to behave like a device with less on-chip memory. This is beneficial when overlapping
external memory, such as Flash, is used.
With the ROMSIZE feature the maximum on-chip memory size is dynamically variable. Thus a portion
of on-chip memory can be removed from the memory map to access off-chip memory, then restored to
access on-chip memory. In fact, all of the on-chip memory can be removed from the memory map,
allowing the full 64k memory space to be addressed as off-chip memory. ROM addresses that are larger
than the selected maximum are automatically fetched from outside the part via Ports 0 & 2. A depiction
of the ROM memory map is shown in Figure 2.
The ROMSIZE register is used to select the maximum on-chip decoded address for ROM. Bits RMS2,
RMS1, RMS0 (ROMSIZE2:0) have the following effect.
Maximum on-chip
RMS2
RMS1
RMS0
ROM Address
0
0
0
0k
0
0
1
1k (0h - 03FFh)
0
1
0
2k (0h - 07FFh)
0
1
1
4k (0h - 0FFFh)
1
0
0
8k (0h – 1FFFh) default
1
0
1
invalid - reserved
1
1
0
invalid - reserved
1
1
1
invalid - reserved
The reset default condition is a maximum on-chip ROM address of 8 kbytes. Thus no action is required if
this feature is not used. Therefore when accessing external program memory, the first 8 kbytes would be
inaccessible. To select a smaller effective ROM size, software must alter bits RMS2-RMS0. Altering
these bits requires a Timed Access procedure as explained below. The ROMSIZE register should be
manipulated from a safe area in the program memory map. This is a program memory address that will
not be affected by the change. For example, do not select a maximum ROM size of 4k from an internal
ROM address of 5k. This would cause the current address to switch from internal to external and
potentially cause invalid operation. Similarly, do not instantly switch from external to internal memory.


Similar Part No. - DS87C550-FNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C550-FNL MAXIM-DS87C550-FNL Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
DS87C550-FNL++ MAXIM-DS87C550-FNL+ Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
More results

Similar Description - DS87C550-FNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Texas Instruments
TLC32071 TI1-TLC32071 Datasheet
123Kb / 15P
[Old version datasheet]   HIGH-SPEED 8-BIT A/D AND D/A CONVERTER WITH 8-CHANNEL MULTIPLEXER
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com