Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI16W4R7MTRF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NPI16W4R7MTRF
Description  HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPI16W4R7MTRF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NPI16W4R7MTRF Datasheet HTML 1Page - List of Unclassifed Manufacturers NPI16W4R7MTRF Datasheet HTML 2Page - List of Unclassifed Manufacturers NPI16W4R7MTRF Datasheet HTML 3Page - List of Unclassifed Manufacturers NPI16W4R7MTRF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
FEATURES
• HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 1000
μH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS
CHARACTERISTICS
Case Size
NPI16W
NPI31W
NPI34W
NPI52W
Inductance Range
1 ~ 1000
μH
1.0 ~ 1000
μH
10 ~ 1000
μH
1 ~ 1000
μH
Ambient Operating Temperature Range
-40°C ~ +85°C*
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C*
Temperature Rise at Irms
40°C max.
Inductance Change at Isat
-10% typical
Inductance Tolerance
20% (M)
Resistance to Solder Heat
260°C for 10 seconds
Series
A
B
C
D
E
F
G (Ref)
H (Ref)
I (Ref)
NPI16W
4.45 Max
6.60 Max
2.92 Max
1.02 ± 0.2
1.27 ± 0.2
4.32 ± 0.3
4.06
3.56
1.4
NPI31W
9.30 ± 0.2
12.80 ± 0.2
5.00 ± 0.3
2.40 ± 0.2
2.50 ± 0.2
7.60 ± 0.3
7.3
2.8
3
NPI34W
9.30 ± 0.2
12.80 ± 0.2
11.0 ± 0.5
2.40 ± 0.2
2.50 ± 0.2
7.60 ± 0.3
7.3
2.8
3
NPI52W
15.0 ± 0.3
18.40 ± 0.3
7.00 ± 0.5
2.40 ± 0.2
2.20 ± 0.2
13.30 ± 0.3
12.7
2.8
3
DIMENSIONS (mm)
G
I
H
LAND PATTERN
CONSTRUCTION
A
C
D
E
NPI16W
NPI30W, 31W, 34W
AND 52W
B
F
C
E
B
D
F
A
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]
NPI 31 W 4R7 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier for values from 10
μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM


Similar Part No. - NPI16W4R7MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI16W4R7MTRF NIC-NPI16W4R7MTRF Datasheet
92Kb / 4P
   NPI Power Inductors
NPI16W4R7MTRF NIC-NPI16W4R7MTRF Datasheet
190Kb / 5P
   NPI Power Inductors
More results

Similar Description - NPI16W4R7MTRF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
Ningbo songle relay co....
SQ6 SONGLERELAY-SQ6 Datasheet
3Mb / 2P
   Small size, high contact current
logo
Laird Tech Smart Techno...
CMX1211 LSTD-CMX1211 Datasheet
3Mb / 2P
   Small size with high current
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
   Saturation current rating up to 15.3 Amps
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ601TQ2 MURATA1-DLW5BSZ601TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ501TQ2 MURATA1-DLW5BSZ501TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ801TQ2 MURATA1-DLW5BSZ801TQ2_V01 Datasheet
371Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com