Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51382-1400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51382-1400
Description  2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51382-1400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51382-1400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51382-1400
Status:
Active
Overview:
MicroClasp™ Wire-to-Board System
Description:
2.00mm Pitch MicroClasp™ Wire-to-Board Receptacle Housing, Positive Lock, Single
Row, 14 circuits
Documents:
3D Model
Packaging Specification SPK-51382-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51382-004 (PDF)
General
Product Family
Crimp Housings
Series
51382
Application
Signal, Wire-to-Board
Overview
MicroClasp™ Wire-to-Board System
Product Name
MicroClasp™
UPC
800756632360
Physical
Circuits (maximum)
14
Color - Resin
White
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
642.400/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51382-001
Product Specification
PS-51382-004, RPS-51382-006, RPS-51382-007,
RPS-51382-008, RPS-51382-009, RPS-51382-010,
RPS-51382-011, RPS-51382-012, RPS-51382-013,
RPS-51382-014, RPS-51382-015
Sales Drawing
SD-51382-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51382Series
Mates With
55932 Vertical Header, 55935 Right Angle
Header
Use With
56134 Terminal
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51382-1400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51382-1400 MOLEX7-51382-1400 Datasheet
152Kb / 3P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive LockSingle Row, 14 circuits
More results

Similar Description - 51382-1400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51382-1100 MOLEX11-51382-1100 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-1300 MOLEX11-51382-1300 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-0500 MOLEX11-51382-0500 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-1000 MOLEX11-51382-1000 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-1200 MOLEX11-51382-1200 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-0800 MOLEX11-51382-0800 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-0200 MOLEX11-51382-0200 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-0300 MOLEX11-51382-0300 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-0400 MOLEX11-51382-0400 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-0600 MOLEX11-51382-0600 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-0900 MOLEX11-51382-0900 Datasheet
42Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com