Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320N Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25320N
Description  SPI Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320N Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25320N Datasheet HTML 5Page - ATMEL Corporation AT25320N Datasheet HTML 6Page - ATMEL Corporation AT25320N Datasheet HTML 7Page - ATMEL Corporation AT25320N Datasheet HTML 8Page - ATMEL Corporation AT25320N Datasheet HTML 9Page - ATMEL Corporation AT25320N Datasheet HTML 10Page - ATMEL Corporation AT25320N Datasheet HTML 11Page - ATMEL Corporation AT25320N Datasheet HTML 12Page - ATMEL Corporation AT25320N Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
AT25080/160/320/640
0675M–SEEPR–9/03
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of
four levels of protection. The AT25080/160/320/640 is divided into four array segments. One
quarter (1/4), one half (1/2), or all of the memory segments can be protected. Any of the data
within any selected segment will therefore be READ only. The block write protection levels and
corresponding status register control bits are shown in Table 4.
The three bits, BP0, BP1, and WPEN are nonvolatile cells that have the same properties and
functions as the regular memory cells (e.g. WREN, tWC, RDSR).
The WRSR instruction also allows the user to enable or disable the write protect (WP) pin
through the use of the Write Protect Enable (WPEN) bit. Hardware write protection is enabled
when the WP pin is low and the WPEN bit is “1”. Hardware write protection is disabled when
either the WP pin is high or the WPEN bit is “0”. When the device is hardware write protected,
writes to the Status Register, including the Block Protect bits and the WPEN bit, and the block-
protected sections in the memory array are disabled. Writes are only allowed to sections of the
memory which are not block-protected.
NOTE: When the WPEN bit is hardware write protected, it cannot be changed back to “0”, as
long as the WP pin is held low.
Table 4. Block Write Protect Bits
Level
Status
Register Bits
Array Addresses Protected
BP1
BP0
AT25080
AT25160
AT25320
AT25640
0
0
0
None
None
None
None
1(1/4)
0
1
0300
-03FF
0600
-07FF
0C00
-0FFF
1800
-1FFF
2(1/2)
1
0
0200
-03FF
0400
-07FF
0800
-0FFF
1000
-1FFF
3(All)
1
1
0000
-03FF
0000
-07FF
0000
-0FFF
0000
-1FFF
Table 5. WPEN Operation
WPEN
WP
WEN
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - AT25320N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320N-10SC ATMEL-AT25320N-10SC Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SC-1.8 ATMEL-AT25320N-10SC-1.8 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SC-2.7 ATMEL-AT25320N-10SC-2.7 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SI ATMEL-AT25320N-10SI Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25320N-10SI-1.8 ATMEL-AT25320N-10SI-1.8 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results

Similar Description - AT25320N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com