Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80CH11 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS80CH11
Description  System Energy Manager
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80CH11 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS80CH11 Datasheet HTML 43Page - Dallas Semiconductor DS80CH11 Datasheet HTML 44Page - Dallas Semiconductor DS80CH11 Datasheet HTML 45Page - Dallas Semiconductor DS80CH11 Datasheet HTML 46Page - Dallas Semiconductor DS80CH11 Datasheet HTML 47Page - Dallas Semiconductor DS80CH11 Datasheet HTML 48Page - Dallas Semiconductor DS80CH11 Datasheet HTML 49Page - Dallas Semiconductor DS80CH11 Datasheet HTML 50Page - Dallas Semiconductor DS80CH11 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
DS80CH11
011200 47/88
A/D CONVERSION TIMES (
µS)
PRESCALE
SETTING
0.640
MHz
4.000
MHz
8.000
MHz
12.000
MHz
16.000
MHz
20.000
MHz
25.000
MHz
0
100.00
16.00
1
32.00
16.00
2
48.00
24.00
16.00
3
64.00
32.00
21.33
16.00
4
80.00
40.00
26.67
20.00
16.00
5
96.00
48.00
32.00
24.00
19.20
6
56.00
37.33
28.00
22.40
17.92
7
64.00
42.67
32.00
25.60
20.48
8
72.00
48.00
36.00
28.80
23.04
9
80.00
53.33
40.00
32.00
25.60
10
88.00
58.67
44.00
35.20
28.16
11
96.00
64.00
48.00
38.40
30.72
12
69.33
52.00
41.60
33.28
13
74.67
56.00
44.80
35.84
14
80.00
60.00
48.00
38.40
15
85.33
64.00
51.20
40.96
NOTES:
1. Conversion times given in microseconds (
µs)
2. ( – ) = not a usable setting
7.6
WINDOW COMPARATOR
The window comparator allows software to identify a
range of potential digital A/D results that are considered
interesting. The window comparator will monitor each
conversion result against user programmed selections.
Results that meet the criteria will cause the comparator
to set the WCM flag. By setting the WCQ bit, the end of
conversion interrupt source is qualified so that only
results which fall within the programmed range cause
the interrupt. This feature allows software to ignore
uninteresting results without actually reading the con-
verter result.
User software can select two 8–bit comparator values.
These values will be compared against the most signifi-
cant 8–bits of each A/D result, designated as ADR9–2.
The user also can identify whether the target result is
inside of the range bounded by the upper and lower limit
or outside through programming of the WCIO bit. In
practice, this allows the comparator to look for A/D
results that are above a number, below a number, inside
of a range, or outside of a range. The state of the WCM
flag can be expressed by the following Boolean equa-
tion:
WCM = WCIO
⊕ (WINHI < ADR9–2) ⊕ (WINLO <
ADR9–2)
Figure 7–3 illustrates the ranges that can be examined
using the window comparator.


Similar Part No. - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
   High-Speed Micro
DS80C310 DALLAS-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
1Mb / 23P
   High-Speed Micro
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
333Kb / 21P
   High-Speed Micro
More results

Similar Description - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2975 LINER-LTC2975 Datasheet
1Mb / 26P
   4-Channel Power Supply System Featuring the Power System Manager with Input Energy Accumulation
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
   Solar Cell System Manager
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
   Solar Cell System Manager
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
   4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
   Intelligent SNMP/HTTP System Manager
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com