Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80CH11 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS80CH11
Description  System Energy Manager
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80CH11 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS80CH11 Datasheet HTML 40Page - Dallas Semiconductor DS80CH11 Datasheet HTML 41Page - Dallas Semiconductor DS80CH11 Datasheet HTML 42Page - Dallas Semiconductor DS80CH11 Datasheet HTML 43Page - Dallas Semiconductor DS80CH11 Datasheet HTML 44Page - Dallas Semiconductor DS80CH11 Datasheet HTML 45Page - Dallas Semiconductor DS80CH11 Datasheet HTML 46Page - Dallas Semiconductor DS80CH11 Datasheet HTML 47Page - Dallas Semiconductor DS80CH11 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
DS80CH11
011200 44/88
7.0
A/D CONVERTER
7.1
OVERVIEW
A self–contained A/D converter is provided on the SEM.
Its major features are summarized below:
10–bit resolution
True 9–bit accuracy: total error no greater than + 2
LSB’s
Monotonic with no missing codes
eight multiplexed inputs
Shared analog/digital pins with 60 dB isolation
Digital window comparator / alarm
Low power consumption
The A/D subsystem consists of a 10–bit successive
approximation analog to digital converter, an 8 input
analog multiplexor, a programmable reference block, a
digital window comparator, and a control block as
depicted in Figure 7–1.
The multiplexor selects 1 of 8 analog inputs for conver-
sion. A conversion is initiated either by a software or
hardware generated start of conversion signal.
An
optional mode enables continuous conversions on a
selected channel. At the completion of a conversion the
A/D generates an end of conversion signal indicating
that the conversion is complete and the results may be
read. An end of conversion can also be used to gener-
ate an interrupt.
After the conversion is complete, the 10–bit result is
available in two registers. In order to accommodate a
variety of applications, the A/D result can be pro-
grammed to be presented either as eight msbs and
eight lsbs in separate registers, or as a right justified
10–bit result with the most significant two bits of the
result right–justified in the most significant byte. An A/D
conversion can be performed in a minimum of 16
µsec.
An interrupt can be programmed to occur at the end of a
conversion.
A digital window comparator is available to allow auto-
matic monitoring of external signals without burdening
the software. The window comparator allows software
to select an upper and lower limit for comparison. In
addition, the hardware can be programmed to look
inside or outside of the window. By adjusting the win-
dow location, the hardware can automatically look for
results that are above a number, below a number, inside
of a range, or outside of a range. When the window
comparator qualifier function is used, an end–of–con-
version interrupt will only be generated when selected
criteria for the conversion result has been met.
7.2
ANALOG POWER / SLEEP MODE
The A/D block provides separate power and ground
pins to provide power to the analog circuits. This allows
the A/D to operate from a clean supply if available. Ana-
log power is supplied through AVCC and AGND. While
these pins do supply power, they are not the source of
the A/D reference. The converter will draw a maximum
of 1 mA during full operation.
A minimum time of tAD required for the analog circuitry to
stabilize. The ADON bit is cleared to 0 following a reset
– leaving the A/D converter powered down.


Similar Part No. - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
   High-Speed Micro
DS80C310 DALLAS-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
1Mb / 23P
   High-Speed Micro
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
333Kb / 21P
   High-Speed Micro
More results

Similar Description - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2975 LINER-LTC2975 Datasheet
1Mb / 26P
   4-Channel Power Supply System Featuring the Power System Manager with Input Energy Accumulation
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
   Solar Cell System Manager
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
   Solar Cell System Manager
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
   4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
   Intelligent SNMP/HTTP System Manager
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com