Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80CH11 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS80CH11
Description  System Energy Manager
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80CH11 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS80CH11 Datasheet HTML 15Page - Dallas Semiconductor DS80CH11 Datasheet HTML 16Page - Dallas Semiconductor DS80CH11 Datasheet HTML 17Page - Dallas Semiconductor DS80CH11 Datasheet HTML 18Page - Dallas Semiconductor DS80CH11 Datasheet HTML 19Page - Dallas Semiconductor DS80CH11 Datasheet HTML 20Page - Dallas Semiconductor DS80CH11 Datasheet HTML 21Page - Dallas Semiconductor DS80CH11 Datasheet HTML 22Page - Dallas Semiconductor DS80CH11 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
DS80CH11
011200 19/88
3.0
CORE MICROCONTROLLER
3.1
CORE MICRO OVERVIEW
The SEM incorporates the Dallas High Speed Micro
core which is a fully static CMOS 8051 compatible
microcontroller with
a
new
internal architecture
designed for high performance.
The higher speed
operation of the microcontroller core comes not just
from increasing the clock frequency, but from a newer,
more efficient design of the internal architecture. The
major features of the High Speed Micro Core include:
4 clocks/machine cycle (8032 = 12)
Wasted cycles removed
Runs DC to 25 Mhz clock rates @ 5V
Single–cycle instruction in 160 ns
Uses less power for equivalent work
Dual data pointer
Optional variable length MOVX to access fast/slow
RAM /peripherals
3.2
INSTRUCTION SET SUMMARY
All instructions in the SEM perform the same functions
as their 80C32 counterparts. Their affect on bits, flags,
and other status functions are identical. However, the
timing of each instruction is different. This applies both
in absolute and relative number of clocks.
For absolute timing of real–time events, the timing of
software loops will need to be calculated using the table
below. However, counter/timers default to run at the
older 12 clocks per increment. Therefore, while soft-
ware runs at higher speed, timer–based events need no
modification to operate as before. Timers can be set to
run at 4 clocks per increment cycle to take advantage of
higher speed operation.
The relative time of two instructions might be different in
the new architecture than it was previously. For exam-
ple, in the original architecture, the “MOVX A, @ DPTR”
instruction and the “MOV direct, direct” instruction used
two machine cycles or 24 oscillator cycles. Therefore,
they required the same amount of time. In the GEM, the
MOVX instruction can be done in two machine cycles or
8 oscillator cycles but the “MOV direct, direct” uses
three machine cycles or 12 oscillator cycles. While both
are faster than their original counterparts, they now
have different execution times from each other. This is
because in most cases, the SEM uses one cycle for
each byte. The timing of each instruction should be
examined for familiarity with the changes. Note that a
machine cycle now requires just four clocks, and pro-
vides one ALE pulse per cycle.
Many instructions
require only one cycle, but some require five. In the orig-
inal architecture, all were one or two cycles except for
MUL and DIV.
INSTRUCTION SET SUMMARY Table 3–1
Legends:
A
Accumulator
Rn
Register R7–R0
direct
Internal Register address
@Ri
Internal Register pointed–to by R0 or R1
(except MOVX)
rel
2’s complement offset byte
bit
direct bit–address
#data
8–bit constant
#data 16
16–bit constant
addr 16
16–bit destination address
addr 11
11–bit destination address


Similar Part No. - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
   High-Speed Micro
DS80C310 DALLAS-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
1Mb / 23P
   High-Speed Micro
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
333Kb / 21P
   High-Speed Micro
More results

Similar Description - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2975 LINER-LTC2975 Datasheet
1Mb / 26P
   4-Channel Power Supply System Featuring the Power System Manager with Input Energy Accumulation
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
   Solar Cell System Manager
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
   Solar Cell System Manager
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
   4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
   Intelligent SNMP/HTTP System Manager
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com