Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLEX-8000 Datasheet(PDF) 9 Page - Altera Corporation

Part # FLEX-8000
Description  Programmable Logic Device Family
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX-8000 Datasheet(HTML) 9 Page - Altera Corporation

Back Button FLEX-8000 Datasheet HTML 5Page - Altera Corporation FLEX-8000 Datasheet HTML 6Page - Altera Corporation FLEX-8000 Datasheet HTML 7Page - Altera Corporation FLEX-8000 Datasheet HTML 8Page - Altera Corporation FLEX-8000 Datasheet HTML 9Page - Altera Corporation FLEX-8000 Datasheet HTML 10Page - Altera Corporation FLEX-8000 Datasheet HTML 11Page - Altera Corporation FLEX-8000 Datasheet HTML 12Page - Altera Corporation FLEX-8000 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Altera Corporation
9
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Figure 4. FLEX 8000 Carry Chain Operation
Cascade Chain
With the cascade chain, the FLEX 8000 architecture can implement
functions that have a very wide fan-in. Adjacent LUTs can be used to
compute portions of the function in parallel; the cascade chain serially
connects the intermediate values. The cascade chain can use a logical AND
or logical OR (via De Morgan’s inversion) to connect the outputs of
adjacent LEs. Each additional LE provides four more inputs to the
effective width of a function, with a delay as low as 0.6 ns per LE.
LU
a1
b1
Carry
s1
LE1
Register
a2
b2
Carry Chain
s2
LE2
Register
Carry Chain
s
n
LE
n
Register
a
n
b
n
Carry Chain
Carry-Out
LE
n + 1
Register
Carry-In
LUT
LUT
LUT


Similar Part No. - FLEX-8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
   Sub-miniature normally open switch with 14.00mm x 2.28mm
logo
Littelfuse
FLEX-14 LITTELFUSE-FLEX-14 Datasheet
377Kb / 2P
   Axial Lead Reed Switches
logo
Yamaichi Electronics Co...
FLEX-B210-7-0.1 YAMAICHI-FLEX-B210-7-0.1 Datasheet
48Kb / 1P
   25MIL (0.635mm) OKIFLEX-B&S Type (150V, 105째C)
More results

Similar Description - FLEX-8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com