Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSTL-12 Datasheet(PDF) 9 Page - Altera Corporation

Part # HSTL-12
Description  Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HSTL-12 Datasheet(HTML) 9 Page - Altera Corporation

Back Button HSTL-12 Datasheet HTML 5Page - Altera Corporation HSTL-12 Datasheet HTML 6Page - Altera Corporation HSTL-12 Datasheet HTML 7Page - Altera Corporation HSTL-12 Datasheet HTML 8Page - Altera Corporation HSTL-12 Datasheet HTML 9Page - Altera Corporation HSTL-12 Datasheet HTML 10Page - Altera Corporation HSTL-12 Datasheet HTML 11Page - Altera Corporation HSTL-12 Datasheet HTML 12Page - Altera Corporation HSTL-12 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–9
Electrical Characteristics
December 2013
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
Table 1–10 lists the bus hold specifications for Arria II GZ devices.
OCT Specifications
Table 1–11 lists the Arria II GX device and differential OCT with and without
calibration accuracy.
Table 1–10. Bus Hold Parameters for Arria II GZ Devices
Parameter
Symbol
Cond.
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Bus-hold
Low
sustaining
current
ISUSL
VIN > VIL
(max.)
22.5
25.0
30.0
50.0
70.0
µA
Bus-hold
High
sustaining
current
ISUSH
VIN < VIH
(min.)
-22.5
-25.0
-30.0
-50.0
-70.0
µA
Bus-hold
Low
overdrive
current
IODL
0V < VIN <
VCCIO
120
160
200
300
500
µA
Bus-hold
High
overdrive
current
IODH
0V < VIN <
VCCIO
-120
-160
-200
-300
-500
µA
Bus-hold
trip point
VTRIP
0.45
0.95
0.50
1.00
0.68
1.07
0.70
1.70
0.80
2.00
V
Table 1–11. OCT With and Without Calibration Specification for Arria II GX Device I/Os (Note 1) (Part 1 of 2)
Symbol
Description
Conditions (V)
Calibration Accuracy
Unit
Commercial
Industrial
25-
 R
S
3.0, 2.5
25-
 series OCT
without calibration
VCCIO = 3.0, 2.5
± 30
± 40
%
50-
 R
S
3.0, 2.5
50-
 series OCT
without calibration
VCCIO = 3.0, 2.5
± 30
± 40
%
25-
 R
S
1.8
25-
 series OCT
without calibration
VCCIO = 1.8
± 40
± 50
%
50-
 R
S
1.8
50-
 series OCT
without calibration
VCCIO = 1.8
± 40
± 50
%
25-
 R
S
1.5, 1.2
25-
 series OCT
without calibration
VCCIO = 1.5, 1.2
± 50
± 50
%
50-
 R
S
1.5, 1.2
50-
 series OCT
without calibration
VCCIO = 1.5, 1.2
± 50
± 50
%
25-
 R
S
3.0, 2.5, 1.8, 1.5,
1.2
25-
 series OCT
with calibration
VCCIO = 3.0, 2.5,
1.8, 1.5, 1.2
± 10
± 10
%


Similar Part No. - HSTL-12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HSTL16918 PHILIPS-HSTL16918 Datasheet
70Kb / 8P
   9-bit to 18-bit HSTL-to-LVTTL memory address latch
2001 Jun 16
HSTL16918DGG PHILIPS-HSTL16918DGG Datasheet
70Kb / 8P
   9-bit to 18-bit HSTL-to-LVTTL memory address latch
2001 Jun 16
logo
Texas Instruments
HSTL16919 TI-HSTL16919 Datasheet
135Kb / 8P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH WITH INPUT PULLUP RESISTORS
More results

Similar Description - HSTL-12

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com