Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTL-15 Datasheet(PDF) 7 Page - Altera Corporation

Part # SSTL-15
Description  Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

SSTL-15 Datasheet(HTML) 7 Page - Altera Corporation

Back Button SSTL-15 Datasheet HTML 3Page - Altera Corporation SSTL-15 Datasheet HTML 4Page - Altera Corporation SSTL-15 Datasheet HTML 5Page - Altera Corporation SSTL-15 Datasheet HTML 6Page - Altera Corporation SSTL-15 Datasheet HTML 7Page - Altera Corporation SSTL-15 Datasheet HTML 8Page - Altera Corporation SSTL-15 Datasheet HTML 9Page - Altera Corporation SSTL-15 Datasheet HTML 10Page - Altera Corporation SSTL-15 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–7
Electrical Characteristics
December 2013
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
DC Characteristics
This section lists the supply current, I/O pin leakage current, on-chip termination
(OCT) accuracy and variation, input pin capacitance, internal weak pull-up and
pull-down resistance, hot socketing, and Schmitt trigger input specifications.
Supply Current
Standby current is the current the device draws after the device is configured with no
inputs or outputs toggling and no activity in the device. Because these currents vary
largely with the resources used, use the Microsoft Excel-based Early Power Estimator
(EPE) to get supply current estimates for your design.
f For more information about power estimation tools, refer to the PowerPlay Early Power
Estimator User Guide and the PowerPlay Power Analysis chapter.
VCCL_GXBLn
(3)
Transceiver clock power (left side)
1.05
1.1
1.15
V
VCCL_GXBRn
(3)
Transceiver clock power (right side)
1.05
1.1
1.15
V
VCCH_GXBLn
(3)
Transmitter output buffer power (left side)
1.33/1.425
1.4/1.5 (5)
1.575
V
VCCH_GXBRn
(3)
Transmitter output buffer power (right side)
TJ
Operating junction temperature
Commercial
0
85
°C
Industrial
–40
100
°C
tRAMP
Power supply ramp time
Normal POR
(PORSEL=0)
0.05
100
ms
Fast POR
(PORSEL=1)
0.05
4
ms
Notes to Table 1–6:
(1) Altera recommends a 3.0-V nominal battery voltage when connecting VCCBAT to a battery for volatile key backup. If you do not use the volatile
security key, you may connect the VCCBAT to either GND or a 3.0-V power supply.
(2) VCCPD must be 2.5 V when VCCIO is 2.5, 1.8, 1.5, or 1.2 V. VCCPD must be 3.0 V when VCCIO is 3.0 V.
(3) n = 0, 1, or 2.
(4) VCCA_L/R must be connected to a 3.0-V supply if the clock multiplier unit (CMU) phase-locked loop (PLL), receiver clock data recovery (CDR), or
both, are configured at a base data rate > 4.25 Gbps. For data rates up to 4.25 Gbps, you can connect VCCA_L/R to either 3.0 V or 2.5 V.
(5) VCCH_GXBL/R must be connected to a 1.4-V supply if the transmitter channel data rate is > 6.5 Gbps. For data rates up to 6.5 Gbps, you can connect
VCCH_GXBL/R to either 1.4 V or 1.5 V.
(6) Transceiver power supplies do not have power-on-reset (POR) circuitry. After initial power-up, violating the transceiver power supply operating
conditions could lead to unpredictable link behavior.
Table 1–6. Recommended Operating Conditions for Arria II GZ Devices (Note 6) (Part 2 of 2)
Symbol
Description
Condition
Minimum
Typical
Maximum
Unit


Similar Part No. - SSTL-15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16857DGG PHILIPS-SSTL16857DGG Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTL16877DGG PHILIPS-SSTL16877DGG Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
More results

Similar Description - SSTL-15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com