Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2760E Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2760E
Description  High Precision Li-Ion Battery Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2760E Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2760E Datasheet HTML 4Page - Dallas Semiconductor DS2760E Datasheet HTML 5Page - Dallas Semiconductor DS2760E Datasheet HTML 6Page - Dallas Semiconductor DS2760E Datasheet HTML 7Page - Dallas Semiconductor DS2760E Datasheet HTML 8Page - Dallas Semiconductor DS2760E Datasheet HTML 9Page - Dallas Semiconductor DS2760E Datasheet HTML 10Page - Dallas Semiconductor DS2760E Datasheet HTML 11Page - Dallas Semiconductor DS2760E Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DS2760
8 of 25
Summary. All of the protection conditions described above are OR'ed together to affect the CC and DC
outputs.
DC = (Undervoltage) or (Overcurrent, EITHER Direction) or (Short Circuit) or
(Protection Register bit DE = 0) or (Sleep Mode)
CC = (Overvoltage) or (Overcurrent, Charge Direction) or (Protection Register bit CE = 0) or
(Sleep Mode)
CURRENT MEASUREMENT
In the Active Mode of operation, the DS2760 continually measures the current flow into and out of the
battery by measuring the voltage drop across a current sense resistor. The DS2760 is available in two
configurations: (1) internal 25 m
Ω current sense resistor, and (2) external user-selectable sense resistor. In
either configuration, the DS2760 considers the voltage difference between pins IS1 and IS2 (VIS = VIS1
VIS2) to be the filtered voltage drop across the sense resistor. A positive VIS value indicates current is
flowing into the battery (charging), while a negative VIS value indicates current is flowing out of the
battery (discharging). Note than when an external sense resistor is used, one end of the resistor must be
wired directly to VSS (the negative terminal of the cell) for proper operation of the current measurement
circuitry.
VIS is measured with a signed resolution of 12-bits. Measurements are placed in the Current Register in
two’s-complement format. Currents outside the range of the register are reported at the limit of the range.
The format of the Current Register is shown in Figure 4.
For the internal sense resistor configuration, the DS2760 maintains the Current Register in units of Amps,
with a resolution of 0.625 mA and full scale range of no less than
±1.8A (see Note 7 on I
FS spec for more
details).
The DS2760 automatically compensates for internal sense resistor process variations and
temperature effects when reporting current.
For the external sense resistor configuration, the DS2760 writes the measured VIS voltage to the Current
Register, with a resolution of 15.625
µV and a full scale range of ±64 mV.
CURRENT REGISTER FORMAT – Figure 4
MSB—Address 0E
LSB—Address 0F
S2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
XX
X
MSb
LSb
MSb
LSb
Units: 0.625 mA for internal sense resistor
15.625
µV for external sense resistor
CURRENT ACCUMULATOR
The Current Accumulator facilitates remaining capacity estimation by tracking the net current flow into
and out of the battery. Current flow into the battery increments the Current Accumulator while current
flow out of the battery decrements it.
Data is maintained in the Current Accumulator in two’s-
complement format. The format of the Current Accumulator is shown in Figure 5.


Similar Part No. - DS2760E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE++ MAXIM-DS2760AE+ Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE++ MAXIM-DS2760AE+ Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2760E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
   Battery Condition Monitor for Li-Ion batteries
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com