Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS275 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS275
Description  Line-Powered RS-232 Transceiver Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS275 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS275 Datasheet HTML 1Page - Dallas Semiconductor DS275 Datasheet HTML 2Page - Dallas Semiconductor DS275 Datasheet HTML 3Page - Dallas Semiconductor DS275 Datasheet HTML 4Page - Dallas Semiconductor DS275 Datasheet HTML 5Page - Dallas Semiconductor DS275 Datasheet HTML 6Page - Dallas Semiconductor DS275 Datasheet HTML 7Page - Dallas Semiconductor DS275 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS275
4 of 8
problem that may occur in this case is if the receiver at the other end requires a negative voltage for
recognizing a mark. In this situation, the full-duplex circuit shown in Figure 3 can be used as
analternative. The 22
µµµµF capacitor forms a negative-charge reservoir; consequently, when the TXD line is
spacing (positive), TXOUT still has a negative source available for a time period determined by the
capacitor and the load resistance at the other end (3-7 k
Ω). This circuit was tested from 150-19,200 bps
with error-free operation using a SN75154 Quad Line Receiver as the receiver for the TXOUT signal. Note
that the SN75154 can have a marking input threshold below ground; hence there is the need for TXOUT to
swing both positive and negative in full-duplex operation with this device.
HANDHELD RS-232-C APPLICATION USING A STEREO MINI-JACK Figure 2
FULL-DUPLEX CIRCUIT USING NEGATIVE-CHARGE STORAGE Figure 3
NOTE:
The capacitor stores negative charge whenever the TXD signal from the PC serial port is in a marking
data state (a negative voltage that is typically -10 volts). The top DS275’s TXOUT uses this negative
charge reservoir when it is in a marking state. The capacitor will discharge to 0 volts when the TXD line
is spacing (and TXOUT is still marking) at a time constant determined by its value and the value of the load
resistance reflected back to TXOUT. However, when TXD is marking the capacitor will quickly charge
back to -10 volts. Note that TXD remains in a marking state when idle, which improves the performance
of this circuit.
ABSOLUTE MAXIMUM RATINGS*
VCC
-0.3 to +7.0 volts
VDRV
-0.3 to +13.0 volts


Similar Part No. - DS275

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
DS2751 MAXIM-DS2751 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751++ MAXIM-DS2751+ Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
DS2751+025 MAXIM-DS2751+025 Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
DS2751-025 MAXIM-DS2751-025 Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
More results

Similar Description - DS275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
AD7306 AD-AD7306 Datasheet
149Kb / 8P
   5 V Powered RS-232/RS-422 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
   3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
   5V-Powered, Multichannel RS-232
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
   Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
MAX218 MAXIM-MAX218 Datasheet
92Kb / 8P
   1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
19-0246; Rev 1; 7/95
logo
Advantech Co., Ltd.
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
   Port-powered RS-232 to RS-422 Converter
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
   Port-powered RS-232 to RS-422 Converter
logo
Intersil Corporation
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com