Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2490 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2490
Description  USB to 1-Wire Bridge Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2490 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2490 Datasheet HTML 2Page - Dallas Semiconductor DS2490 Datasheet HTML 3Page - Dallas Semiconductor DS2490 Datasheet HTML 4Page - Dallas Semiconductor DS2490 Datasheet HTML 5Page - Dallas Semiconductor DS2490 Datasheet HTML 6Page - Dallas Semiconductor DS2490 Datasheet HTML 7Page - Dallas Semiconductor DS2490 Datasheet HTML 8Page - Dallas Semiconductor DS2490 Datasheet HTML 9Page - Dallas Semiconductor DS2490 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
DS2490
6 of 50
033199
used. Once determined, the value code for the Pulldown Slew Rate Control parameter should be stored in
the host and always be loaded into the DS2490 after a power-on or master reset cycle.
1-WIRE TIMING DIAGRAMS
This section explains the waveforms generated by the DS2490 on the 1-Wire bus in detail. First the
communication wave forms such as the Reset/Presence Detect Sequence and the time slots are discussed.
After that follows a detailed description of the pulse function under various conditions. The wave forms
generated by the DS2490 may deviate slightly from specifications found in the “Book of DS19xx iButton
Standards” or in data sheets of 1-Wire slave devices. However, the DS2490 has been designed to ensure
that the timing requirements are met.
1-Wire Communication Wave Forms
One of the major features of the DS2490 is that it relieves the host from generating the timing of the 1-
Wire signals and sampling the 1-Wire bus at the appropriate times. The reset/presence detect sequence is
shown in Figure 5. This sequence is composed of four timing segments: the reset low time tRSTL, the
short/interrupt sampling offset tSI, the presence detect sampling offset tPDT and a delay time tFILL. The
timing segments tSI, tPDT and tFILL comprise the reset high time tRSTH where 1-Wire slave devices assert
their presence or interrupt pulse. During this time the DS2490 pulls the 1-Wire bus high with its weak
pullup current.
The values of all timing segments for all 1-Wire speed options are shown in the table.
Since the
reset/presence sequence is slow compared to the time slots, the values for regular and flexible speed are
the same. Except for the falling edge of the presence pulse, all edges are controlled by the DS2490. The
shape of the uncontrolled falling edge is determined by the capacitance of the 1-Wire bus and the number,
speed and sink capability of the slave devices connected.
RESET/PRESENCE DETECT Figure 5
Speed
tRSTL
tSI
tPDT
tFILL
tRSTH
Regular
512 µs
8 µs
64 µs
512 µs
584 µs
Overdrive
64 µs
2 µs
8 µs
64 µs
74 µs
Flexible
512 µs
8 µs
64 µs
512 µs
584 µs
Upon executing a 1-WIRE RESET command (see COMMUNICATION COMMANDS), the DS2490
pulls the 1-Wire bus low for tRSTL and then lets it go back to 5V. The DS2490 will now wait for the
short/interrupt sampling offset tSI to expire and then test the voltage on the 1-Wire bus to determine if
there is a short or an interrupt signal. If there is no short or interrupt (as shown in the picture), the


Similar Part No. - DS2490

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2490 MAXIM-DS2490 Datasheet
1Mb / 50P
   USB to 1-Wire Bridge Chip
10/09
DS2490S++ MAXIM-DS2490S+ Datasheet
1Mb / 50P
   USB to 1-Wire Bridge Chip
10/09
DS2490S+TR MAXIM-DS2490S+TR Datasheet
1Mb / 50P
   USB to 1-Wire Bridge Chip
10/09
More results

Similar Description - DS2490

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2490 MAXIM-DS2490 Datasheet
1Mb / 50P
   USB to 1-Wire Bridge Chip
10/09
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2130 SILABS-CP2130 Datasheet
364Kb / 27P
   SINGLE-CHIP USB-TO-SPI BRIDGE
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
   USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9490R MAXIM-DS9490R Datasheet
556Kb / 6P
   USB to 1-Wire/iButton Adapter
Rev 8/09
logo
Silicon Laboratories
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com