Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2480S Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2480S
Description  Serial 1.Wire Line Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480S Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2480S Datasheet HTML 7Page - Dallas Semiconductor DS2480S Datasheet HTML 8Page - Dallas Semiconductor DS2480S Datasheet HTML 9Page - Dallas Semiconductor DS2480S Datasheet HTML 10Page - Dallas Semiconductor DS2480S Datasheet HTML 11Page - Dallas Semiconductor DS2480S Datasheet HTML 12Page - Dallas Semiconductor DS2480S Datasheet HTML 13Page - Dallas Semiconductor DS2480S Datasheet HTML 14Page - Dallas Semiconductor DS2480S Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DS2480
042498 11/26
The syntax of configuration commands is very simple.
Each 8–bit code word contains a 3–bit parameter code
to specify the parameter and the 3–bit value code to be
selected. Bit 7 of the command code is set to 0 and bit 0
is always a 1. To read the value code of a parameter, one
writes all zeros for the parameter code and puts the
parameter code in place of the parameter value code.
Table 5 shows the details.
The configuration command response byte is similar to
the command byte itself. Bit 0 of the response byte is
always 0. When writing a parameter, the upper 7 bits are
the echo of the command code. When reading a param-
eter, the current value code is returned in bit positions 1
to 3 with the upper 4 bits being the same as sent (see
Table 6).
CONFIGURATION COMMAND CODES Table 5
FUNCTION
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write Parameter
0
parameter code
parameter value code
1
Read Parameter
0
0
0
0
parameter code
1
CONFIGURATION COMMAND RESPONSE BYTE Table 6
FUNCTION
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write Parameter
0
same as sent
same as sent
0
Read Parameter
0
same as sent
parameter value code
0


Similar Part No. - DS2480S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B++ MAXIM-DS2480B+ Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
More results

Similar Description - DS2480S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
   1-Wire Level Shifter and Line Driver with Load Sensor
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
AD8320 AD-AD8320 Datasheet
583Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com