Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2480S Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2480S
Description  Serial 1.Wire Line Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480S Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2480S Datasheet HTML 6Page - Dallas Semiconductor DS2480S Datasheet HTML 7Page - Dallas Semiconductor DS2480S Datasheet HTML 8Page - Dallas Semiconductor DS2480S Datasheet HTML 9Page - Dallas Semiconductor DS2480S Datasheet HTML 10Page - Dallas Semiconductor DS2480S Datasheet HTML 11Page - Dallas Semiconductor DS2480S Datasheet HTML 12Page - Dallas Semiconductor DS2480S Datasheet HTML 13Page - Dallas Semiconductor DS2480S Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DS2480
042498 10/26
CONFIGURATION COMMAND OVERVIEW Table 3
PD
i
i
PC d
Configurable at
Default
Parameter Description
Par. Code
Regular
Flexible
Overdrive
Reg./Flex.
Overdrive
Pull–Down Slew Rate Control
001
15 V/
µs
15 V/
µs
Programming Pulse Duration
010
512
µs
512
µs
Strong Pull–up Duration
011
524 ms
524 ms
Write 1 low time
100
8
µs
1
µs
Data Sample Offset and
Write 0 Recovery Time
101
3
µs
3
µs
1
µs
3
µs
RS232 Baud Rate
111
9.6k bits/s
9.6k bits/s
The numbers given for parameter 001 (Pull–Down Slew
Rate Control) are nominal values. They may vary as
specified in the Electrical Characteristics section and
are almost independent of the load on the 1–Wire bus.
Information on how to select the optimum value of this
parameter is given in section “Controlled Edges”.
For the parameters 010 (Programming Pulse Duration)
and 011 (Strong Pull–Up Duration) one may select
indefinite duration. This value, however, should only be
selected if one is not going to switch the device to Data
Mode. As long as the device stays in Command Mode,
any pulse function (programming or strong pull–up) that
uses one of these parameters can be terminated by
sending the command code F1h. Termination is not pos-
sible if the device is in Data Mode.
Parameter 111 (RS232 Baud Rate) has two functions. It
selects the baud rate and allows inversion of the signal
at the RXD pin. Using one of the value codes 100 to 111
will set the polarity at RXD to the opposite of what is
defined by the logic level at the POL pin (asymmetry bit,
see Figure 1). This may reduce the component count in
some applications of the device. Note that when chang-
ing the baud rate, the DS2480 will send the command
response byte at the new data rate.
A short explanation on the use of parameters 100 (Write
1 low time) and 101 (Data Sample Offset/Write 0 Recov-
ery Time) is given in the section “Timing Diagrams” later
in this document. The parameter code 110 is reserved
for future extensions; one should not change the value
code from its default setting.
CONFIGURATION PARAMETER VALUE CODES Table 4
PC d
Value Codes
Ui
Parameter Code
000
001
010
011
100
101
110
111
Unit
001 (PDSRC)
15
2.2
1.65
1.37
1.1
0.83
0.7
0.55
V/
µs
010 (PPD)
32
64
128
256
512
1024
2048
µs
011 (SPUD)
16.4
65.5
131
262
524
1048
2096
ms
100 (W1LT)
8
9
10
11
12
13
14
15
µs
101 (DSO/W0RT)
3
4
5
6
7
8
9
10
µs
111 (RBR)
9.6
19.2
57.6
115.2
9.6
19.2
57.6
115.2
kbits/s


Similar Part No. - DS2480S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B++ MAXIM-DS2480B+ Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
More results

Similar Description - DS2480S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
   1-Wire Level Shifter and Line Driver with Load Sensor
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
AD8320 AD-AD8320 Datasheet
583Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com