Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2480S Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2480S
Description  Serial 1.Wire Line Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480S Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2480S Datasheet HTML 3Page - Dallas Semiconductor DS2480S Datasheet HTML 4Page - Dallas Semiconductor DS2480S Datasheet HTML 5Page - Dallas Semiconductor DS2480S Datasheet HTML 6Page - Dallas Semiconductor DS2480S Datasheet HTML 7Page - Dallas Semiconductor DS2480S Datasheet HTML 8Page - Dallas Semiconductor DS2480S Datasheet HTML 9Page - Dallas Semiconductor DS2480S Datasheet HTML 10Page - Dallas Semiconductor DS2480S Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DS2480
042498 7/26
ator control flag is to be set. If the flag is set to a 1 (on) the
device translates every byte received in data mode into
a 12–bit sequence on the 1–Wire bus. For details on
how the Search Accelerator works please refer to the
section Search Accelerator Operation. Before activat-
ing the Search Accelerator, one must make sure that the
strong pull–up after every byte is disarmed (see Pulse
Command). The Search Accelerator command does
not generate a command response byte.
Although the Search Accelerator Control command
itself does not generate any 1–Wire activity, it can be
used to select the communication speed on the 1–Wire
bus. The speed selection (if different from the previous
setting, e.g., from a Reset command) will take effect
immediately.
Pulse
The Pulse command serves several functions that are
selected by the contents of bit 1 and bit 4 of the com-
mand code. The main functions are generating a strong
pull–up to 5V and generating 12V programming pulses
for EPROM devices (if the 12V are available at the VPP
pin). The secondary function of the pulse command is
arming and disarming a strong pull–up after every sub-
sequent byte in data mode. The arm/disarm function is
controlled by bit 1 of the command code. Bit 4 deter-
mines whether the device will generate a strong pull–up
to 5V or a 12V programming pulse. The table below
summarizes these options.
BIT
4
BIT
1
FUNCTION
0
0
strong pull–up to 5V and disarm
1
0
12V Programming Pulse and disarm
0
1
strong pull–up to 5V and arm
1
1
12V Programming Pulse and arm
The strong pull–up to 5V is required to program
EEPROM devices or to operate special function
devices that require a higher current for a limited time
after having received a “go and convert” command.
Therefore and because it significantly reduces the
effective data throughput on the 1–Wire bus, the strong
pull–up is disarmed most of the time. Although arming or
disarming is simultaneously possible while generating a
programming pulse, this is not recommended since it is
likely to destroy the DS2480 if non–EPROM devices are
connected to the 1–Wire bus.
The duration of the strong pull–up or programming
pulse is determined by configuration parameters and
ranges from a few microseconds up to unlimited (see
section Configuration Commands). However, unlimited
duration is not allowed in conjunction with arming the
strong–pull–up after every byte. As long as the DS2480
is in Command Mode the host may terminate a strong
pull–up or programming pulse prematurely at any time
by sending the command code F1h.
The response byte is generated as soon as the strong
pull–up or programming pulse is over (either because
the predefined time has elapsed or due to termination).
The response byte mainly returns the command code
as sent by the host, but the two least significant bits are
undefined.
If the strong pull–up is armed and the device is in Data
Mode, the end of the strong pull–up will be signaled as
code F6h if the most significant bit of the preceding data
byte on the 1–Wire bus was a 1 and 76h otherwise. The
host will see this response byte in addition to the
response on the data byte sent (see also section Wave
Forms later in this document).
SEARCH ACCELERATOR INTRODUCTION
The Search Accelerator is a logic block inside the
DS2480 that allows using the Search ROM function
very efficiently under modern operating systems such
as Windows and Windows 95/NT. Without the DS2480
all 1–Wire port adapters have to involve the computer’s
CPU for every single time slot or pulse to be generated
on the 1–Wire bus.
Under DOS, accessing peripherals such as the UART
or parallel port is very straight forward and therefore
fast. Under Windows the situation is different and it may
take several milliseconds or more to get the first time
slot generated on the 1–Wire bus. Every subsequent
time slot will be generated in much less time, since the
computer simply sends out (“streams”) a long chain of
bytes. This works reasonably well when reading or writ-
ing large blocks of data.


Similar Part No. - DS2480S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B++ MAXIM-DS2480B+ Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
More results

Similar Description - DS2480S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
   1-Wire Level Shifter and Line Driver with Load Sensor
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
AD8320 AD-AD8320 Datasheet
583Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com