Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2438Z Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2438Z
Description  Smart Battery Monitor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2438Z Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2438Z Datasheet HTML 1Page - Dallas Semiconductor DS2438Z Datasheet HTML 2Page - Dallas Semiconductor DS2438Z Datasheet HTML 3Page - Dallas Semiconductor DS2438Z Datasheet HTML 4Page - Dallas Semiconductor DS2438Z Datasheet HTML 5Page - Dallas Semiconductor DS2438Z Datasheet HTML 6Page - Dallas Semiconductor DS2438Z Datasheet HTML 7Page - Dallas Semiconductor DS2438Z Datasheet HTML 8Page - Dallas Semiconductor DS2438Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DS2438
2 of 29
DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
GND
Ground
2VSENS+
Battery Input: connection for battery current to be monitored (see text)
3VSENS-
Battery Input: connection for battery current to be monitored (see text)
4VAD
ADC Input: input for general purpose A/D
5VDD
VDD Pin: input supply voltage
6, 7
NC
No Connect
8DQ
Data Input/Out: for 1-Wire operation: Open drain
OVERVIEW
The block diagram of Figure 1 shows the seven major components of the DS2438:
1. 64-bit lasered ROM
2. temperature sensor
3. battery voltage A/D
4. battery current A/D
5. current accumulators
6. elapsed time meter
7. 40-byte nonvolatile user-memory
Each DS2438 contains a unique 64-bit lasered ROM serial number so that several battery packs can be
charged/monitored by the same host system. Furthermore, other Dallas products featuring the same
1-Wire bus architecture with a 64-bit ROM can reside on the same bus; refer to the Dallas Automatic
Identification Data book for the specifications of these products.
Communication to the DS2438 is via a 1-Wire port. With the 1-Wire port, the memory and control
functions will not be available until the ROM function protocol has been established. The master must
first provide one of four ROM function commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, or 4)
Skip ROM. These commands operate on the 64-bit lasered ROM portion of each device and can singulate
a specific device if many are present on the 1-Wire line as well as to indicate to the bus master how many
and what types of devices are present. After a ROM function sequence has been successfully executed,
the memory and control functions are accessible and the master may then provide any one of the six
memory and control function commands.
Control function commands may be issued which instruct the DS2438 to perform a temperature
measurement or battery voltage A/D conversion. The result of these measurements will be placed in the
DS2438’s memory map, and may be read by issuing a memory function command which reads the
contents of the temperature and voltage registers. Additionally, the charging/discharging battery current is
measured without user intervention, and again, the last completed result is stored in DS2438 memory
space. The DS2438 uses these current measurements to update three current accumulators; the first stores
net charge for fuel gauge calculations, the second accumulates the total charging current over the life of
the battery, and the remaining accumulator tallies battery discharge current. The elapsed time meter data,
which can be used in calculating battery self-discharge or time-related charge termination limits, also
resides in the DS2438 memory map and can be extracted with a memory function command. The
nonvolatile user memory of the DS2438 consists of 40 bytes of EEPROM. These locations may be used
to store any data the user wishes and are written to using a memory function command. All data and
commands are read and written least significant bit first.


Similar Part No. - DS2438Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2438Z MAXIM-DS2438Z Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
DS2438Z MAXIM-DS2438Z Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
DS2438ZTR MAXIM-DS2438ZTR Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
More results

Similar Description - DS2438Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
logo
Dallas Semiconductor
DS2437 DALLAS-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
logo
Maxim Integrated Produc...
DS2438Z MAXIM-DS2438Z Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
DS2438K MAXIM-DS2438K Datasheet
177Kb / 10P
   Smart Battery Monitor Evaluation Kit
Rev 1; 8/09
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
Omron Electronics LLC
KM50-E1-FLK OMRON-KM50-E1-FLK Datasheet
1Mb / 15P
   Smart Power Monitor
2015.9
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
   Battery Monitor
2004
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
   Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com