Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2438Z Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2438Z
Description  Smart Battery Monitor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2438Z Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2438Z Datasheet HTML 6Page - Dallas Semiconductor DS2438Z Datasheet HTML 7Page - Dallas Semiconductor DS2438Z Datasheet HTML 8Page - Dallas Semiconductor DS2438Z Datasheet HTML 9Page - Dallas Semiconductor DS2438Z Datasheet HTML 10Page - Dallas Semiconductor DS2438Z Datasheet HTML 11Page - Dallas Semiconductor DS2438Z Datasheet HTML 12Page - Dallas Semiconductor DS2438Z Datasheet HTML 13Page - Dallas Semiconductor DS2438Z Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
DS2438
10 of 29
Two other time-related functions are available. The first is the Disconnect Timestamp, which is written to
by the DS2438 whenever it senses that the DQ line has been low for approximately 2 seconds. This
condition would signal that the battery pack has been removed from the system; the time when that
occurs is written into the Disconnect Timestamp register, so that upon replacement into the system, the
system can determine how long the device has been in storage, to facilitate self-discharge corrections to
the remaining battery capacity. After the disconnect has been detected, the DS2438 reverts to a sleep
mode, during which nothing is active except the real time clock.
The other timestamp is the End-of-Charge timestamp, which is written to by the DS2438 whenever it
senses that charging is finished (when current changes direction). This timestamp allows the user to
calculate the amount of time the battery has been in a discharge or storage state, again to facilitate self-
discharge calculations.
The format of the ETM, Disconnect, and End-of-Charge registers are as shown in Table 10. Refer to the
“Memory Map” section for the address location of the time-related registers.
TIME REGISTER FORMAT Table 10
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
LSB
MSb
(unit = 1s)
LSb
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
MSb
(unit = 1s)
LSb
2
23
2
22
2
21
2
20
2
19
2
18
2
17
2
16
MSb
(unit = 1s)
LSb
2
31
2
30
2
29
2
28
2
27
2
26
2
25
2
24
MSB
64-BIT LASERED ROM
Each DS2438 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code
(DS2438 code is 26h). The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first
56 bits. (See Figure 3.) The 64-bit ROM and ROM Function Control section allow the DS2438 to operate
as a 1-Wire device and follow the 1-Wire protocol detailed in the section “1-Wire Bus System.” The
functions required to control sections of the DS2438 are not accessible until the ROM function protocol
has been satisfied. This protocol is described in the ROM function protocol flow chart (Figure 5). The
1-Wire bus master must first provide one of four ROM function commands: 1) Read ROM, 2) Match
ROM, 3) Search ROM, or 4) Skip ROM. After a ROM function sequence has been successfully executed,
the functions specific to the DS2438 are accessible and the bus master may then provide any one of the
six memory and control function commands.
64-BIT LASERED ROM FORMAT Figure 3
8-BIT CRC CODE
48-BIT SERIAL NUMBER
8-BIT FAMILY CODE (26h)
MSb
LSb
MSb
LSb
MSb
LSb


Similar Part No. - DS2438Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2438Z MAXIM-DS2438Z Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
DS2438Z MAXIM-DS2438Z Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
DS2438ZTR MAXIM-DS2438ZTR Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
More results

Similar Description - DS2438Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
logo
Dallas Semiconductor
DS2437 DALLAS-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
logo
Maxim Integrated Produc...
DS2438Z MAXIM-DS2438Z Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
DS2438K MAXIM-DS2438K Datasheet
177Kb / 10P
   Smart Battery Monitor Evaluation Kit
Rev 1; 8/09
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
Omron Electronics LLC
KM50-E1-FLK OMRON-KM50-E1-FLK Datasheet
1Mb / 15P
   Smart Power Monitor
2015.9
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
   Battery Monitor
2004
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
   Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com