Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2437 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2437
Description  Smart Battery Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2437 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2437 Datasheet HTML 1Page - Dallas Semiconductor DS2437 Datasheet HTML 2Page - Dallas Semiconductor DS2437 Datasheet HTML 3Page - Dallas Semiconductor DS2437 Datasheet HTML 4Page - Dallas Semiconductor DS2437 Datasheet HTML 5Page - Dallas Semiconductor DS2437 Datasheet HTML 6Page - Dallas Semiconductor DS2437 Datasheet HTML 7Page - Dallas Semiconductor DS2437 Datasheet HTML 8Page - Dallas Semiconductor DS2437 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1 of 31
070600
FEATURES
Unique 1-Wire
® interface requires only one
port pin for communication
Provides unique 64-bit serial number to
battery packs
Eliminates thermistors by sensing battery
temperature on-chip
On-board A/D converter allows monitoring of
battery voltage for end-of-charge and end-of-
discharge determination
On-board integrated current accumulator
facilitates gas gauging
Real-time clock in binary format
40-byte nonvolatile user memory available for
storage of user data such as gas gauge and
manufacturing information
Operating range -40
°C to +85°C
Applications include portable computers,
portable/cellular phones, consumer
electronics, and handheld instrumentation
PIN ASSIGNMENT
PIN DESCRIPTION
DQ
- Data In/Out
VAD
- General A/D input
VSENS+
- Battery current monitor input (+)
VSENS-
- Battery current monitor input (-)
NC
- No connect
GND
- Digital Ground
AGND
- Analog Ground
X2
- Connection for 32.768 kHz XTAL
X1
- Connection for 32.768 kHz XTAL
VDD
- Power Supply (2.7V to 10.0V)
DESCRIPTION
The DS2437 Smart Battery Monitor provides several functions that are desirable to carry in a battery
pack: a means of tagging a battery pack with a unique serial number; a direct-to-digital temperature
sensor which eliminates the need for thermistors in the battery pack; an A/D converter which measures
the battery voltage and current; an integrated current accumulator, which keeps a running total of all
current going into and out of the battery; a real-time clock; and 40 bytes of nonvolatile EEPROM
memory for storage of important parameters such as battery capacity, capacity remaining, and indication
of battery cycling.
Information is sent to/from the DS2437 over a 1-Wire interface, so that only one wire (and ground) needs
to be connected from a central microprocessor to a DS2437. This means that battery packs need only
have three output connectors: battery power, ground, and the 1-Wire interface.
Because each DS2437 contains a unique silicon serial number, multiple DS2437s can exist on the same
1-Wire bus. This allows multiple battery packs to be charged or used in the system simultaneously.
DS2437
Smart Battery Monitor
www.dalsemi.com
16-PIN SSOP
See Mech. Drawings Section
15
VAD
VSENS+
NC
AGND
VDD
X1
NC
X2
NC
GND
1
2
3
4
5
6
7
8
16
14
13
12
11
10
9
NC
NC
VSENS-
DQ
NC
NC


Similar Part No. - DS2437

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
More results

Similar Description - DS2437

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
   Smart Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
DS2438Z MAXIM-DS2438Z Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
DS2438K MAXIM-DS2438K Datasheet
177Kb / 10P
   Smart Battery Monitor Evaluation Kit
Rev 1; 8/09
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
Omron Electronics LLC
KM50-E1-FLK OMRON-KM50-E1-FLK Datasheet
1Mb / 15P
   Smart Power Monitor
2015.9
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
   Battery Monitor
2004
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
   Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com