Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM32T Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EM32T
Description  HCMOS TCXO 3.2 x 2.5mm SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EM32T Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EM32T Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
HCMOS TCXO 3.2 x 2.5mm SMD
EM32T TCXO
DESCRIPTION
Miniature 3.2 x 2.5 x 1.3mm SMD package
Wide frequency range: 1.25MHz to 156.0MHz
Supply voltage 2.8, 3.0, 3.3 or 5.0 Volts
Frequency stability from ±1ppm over -30 to +75°C
RoHS compliant
EM32T series TCXOs are packaged in a miniature, 3.2 x 2.5mm
outline, 4 pad ceramic SMD package. With squarewave (CMOS)
output, tolerances are available from ±1.0ppm over -30° to +75°C.
The part has a 0.01mF decoupling capacitor built in.
EM32T - OUTLINES AND DIMENSIONS
Input Voltage/
Frequency
+2.8V
+3.0
+3.3V
+5.0 V
8.192MHz
2mA
2mA
5mA
10.0MHz
3mA
4mA
7mA
77.760MHz
14mA
17mA
32mA
155.520MHz
26mA
35mA
50mA
INPUT VOLTAGE & CURRENT CONSUMPTION
SPECIFICATION
Product Series Code
TCXO:
EM32T
VCTCXO:
VEM32T
Frequency Range:
1.25MHz to 156.0MHz
Output Waveform:
Squarewave, HCMOS
Initial Calibration Tolerance:
<±2.0ppm at +25°±2°C
Standard Frequencies:
10.0, 12.8, 13.0, 14.4, 15.36,
16.384, 19.2, 19.440, 19.68,
25.0, 20.0, 27.0, 38.880,
40.0, 77.760, 125.0, 155.520
(
)
Operating Temperature Range:
Frequency Stability
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.3 ppm max. ±5% change
vs. Load Change:
±0.3 ppm max. ±10% change
vs. Reflow (SMD type):
±1.0ppm max. for one reflow
(
)
Supply Voltage:
+2.8, +3.0, +3.3 or +5.0V
(
Output Logic Levels:
Logic High: 90% Vdd min.
Logic Low: 10% Vdd max.
Rise and Fall Times:
10ns max.
Duty Cycle:
50%±10% standard,
50%±5% option
Start-up Time:
5ms typical, 10ms max.
Current Consumption:
Output Load:
15pF
Storage Temperature:
-55~+125°C
PART NUMBERS
Example:
EM32T33-38.880-2.5/-30+75
Supply Voltage
28 = 2.8VDC
3 = 3.0VDC
33 = 3.3 VDC
5 = 5.0 VDC
Frequency (MHz)
Stability over OTR (±ppm)
Operating Temperature Range (OTR) (°C)
(Lower and upper limits.)
Series Description
TCXO = EM32T
VCTCXO = VEM32T
Frequency Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
Temperature
Range (°C)
0 ~ +50
P
P
P
P
P
-10 ~ +60
ASK
P
P
P
P
-20 ~ +70
x
P
P
P
P
-30 ~ +75
x
P
P
P
PP
-40 ~ +85
x
P
P
P
P
P
= available, x = not available, ASK = call Technical Sales
FREQUENCY STABILITY
1.25MHz to 156.0MHz
Control Voltage:
Standard = +1.5±1.0Volts for all input
voltages.
Frequency Deviation:
±6.0 ppm min. (Vcon = +4.5V±1.0V)
Slope Polarity:
Positive
Input Impedance:
50k
minimum
Modulation Bandwidth: 20kHz minimum
Linearity:
±10% maximum
VEM32T VOLTAGE CONTROL SPECIFICATION
Offset
10Hz
100Hz
1kHz
10kHz
100kHz
Part =
M53T33
at 10.0Mhz
(dBc/Hz)
-96
-122
-138
-145
-150
at 155.250Mhz
(dBc/Hz)
-68
-96
-110
-117
-112
SSB PHASE NOISE at 25°C


Similar Part No. - EM32T

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM32100 EMC-EM32100 Datasheet
325Kb / 13P
   8/10 DIGIT LCD DRIVER
EM32117 EMC-EM32117 Datasheet
193Kb / 21P
   16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
EM32117Q EMC-EM32117Q Datasheet
193Kb / 21P
   16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
logo
Eaton All Rights Reserv...
EM3225 EATON-EM3225 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM322502 EATON-EM322502 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
More results

Similar Description - EM32T

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
EUROQUARTZ limited
EQ3225 EUROQUARTZ-EQ3225 Datasheet
197Kb / 1P
   3.2 x 2.5mm SMD TCXO
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 2.5V Oscillator
logo
Advanced Crystal Techno...
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
   Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
   3.2 X 2.5mm SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com