Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA213 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA213
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA213 Datasheet(HTML) 3 Page - Texas Instruments

  INA213 Datasheet HTML 1Page - Texas Instruments INA213 Datasheet HTML 2Page - Texas Instruments INA213 Datasheet HTML 3Page - Texas Instruments INA213 Datasheet HTML 4Page - Texas Instruments INA213 Datasheet HTML 5Page - Texas Instruments INA213 Datasheet HTML 6Page - Texas Instruments INA213 Datasheet HTML 7Page - Texas Instruments INA213 Datasheet HTML 8Page - Texas Instruments INA213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS: VS = +3.3V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, VBUS = 12V, PGA = ÷ 1, and BRNG
(1) = 1, unless otherwise noted.
INA220A
INA220B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Current Sense (Input) Voltage Range
PGA = ÷ 1
0
±40
0
±40
mV
PGA = ÷ 2
0
±80
0
±80
mV
PGA = ÷ 4
0
±160
0
±160
mV
PGA = ÷ 8
0
±320
0
±320
mV
Bus Voltage (Input Voltage) Range(2)
BRNG = 1
0
32
0
32
V
BRNG = 0
0
16
0
16
V
Common-Mode Rejection
CMRR
VIN+ = 0V to 26V
100
120
100
120
dB
Offset Voltage, RTI(3)
VOS
PGA = ÷ 1
±10
±100
±10
±50(4)
mV
PGA = ÷ 2
±20
±125
±20
±75
mV
PGA = ÷ 4
±30
±150
±30
±75
mV
PGA = ÷ 8
±40
±200
±40
±100
mV
vs Temperature
0.16
0.16
mV/°C
vs Power Supply
PSRR
VS = 3V to 5.5V
10
10
mV/V
Current Sense Gain Error
±40
±40
m%
vs Temperature, MSOP-10
1
1
m%/°C
Input Impedance
Active Mode
VIN+ Pin
20
20
mA
VIN– Pin
20
20
mA
VBUS Pin
(5)
320
320
k
Input Leakage(6)
Power-Down Mode
VIN+ Pin
0.1
±0.5
0.1
±0.5
mA
VIN– Pin
0.1
±0.5
0.1
±0.5
mA
DC ACCURACY
ADC Basic Resolution
12
12
Bits
1LSB Step Size
Shunt Voltage
10
10
mV
Bus Voltage
4
4
mV
Current Measurement Error
±0.2
±0.5
±0.2
±0.3
%
over Temperature
±1
±0.5
%
Bus Voltage Measurement Error
VBUS = 12V
±0.2
±0.5
±0.2
±0.5
%
over Temperature
±1
±1
%
Differential Nonlinearity
±0.1
±0.1
LSB
ADC TIMING
ADC Conversion Time
12-Bit
532
586
532
586
ms
11-Bit
276
304
276
304
ms
10-Bit
148
163
148
163
ms
9-Bit
84
93
84
93
ms
Minimum Convert Input Low Time
4
4
ms
SMBus
SMBus Timeout(7)
28
35
28
35
ms
(1)
BRNG is bit 13 of the Configuration Register.
(2)
This parameter only expresses the full-scale range of the ADC scaling. In no event should more than 26V be applied to this device.
(3)
Referred-to-input (RTI).
(4)
Shaded cells indicate improved specifications of the INA220B.
(5)
The input impedance of this pin may vary approximately ±15%.
(6)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of the table. Negative leakage currents can
occur under different input conditions.
(7)
SMBus timeout in the INA220 resets the interface any time SCL or SDA is low for over 28ms.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA220


Similar Part No. - INA213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA213 TI-INA213 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213 TI-INA213 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213 TI1-INA213 Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA213 TI-INA213 Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA213 TI1-INA213 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results

Similar Description - INA213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA209 TI-INA209_15 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA220B-Q1 TI-INA220B-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
logo
Analog Devices
AD8210 AD-AD8210 Datasheet
226Kb / 7P
   High-Side Bi-directional Current Shunt Monitor
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com