Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2130DSCB Datasheet(PDF) 9 Page - International Rectifier

Part # IR2130DSCB
Description  Undervoltage lockout for all channels
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130DSCB Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2130DSCB Datasheet HTML 5Page - International Rectifier IR2130DSCB Datasheet HTML 6Page - International Rectifier IR2130DSCB Datasheet HTML 7Page - International Rectifier IR2130DSCB Datasheet HTML 8Page - International Rectifier IR2130DSCB Datasheet HTML 9Page - International Rectifier IR2130DSCB Datasheet HTML 10Page - International Rectifier IR2130DSCB Datasheet HTML 11Page - International Rectifier IR2130DSCB Datasheet HTML 12Page - International Rectifier IR2130DSCB Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IR2130D
www.irf.com
9
Figure 19A. Amplifier Slew Rate (+) vs. Temperature
Figure 19B. Amplifier Slew Rate (+) vs. Voltage
Figure 18A. Deadtime vs. Temperature
Figure 18B. Deadtime vs. Voltage
Figure 20A. Amplifier Slew Rate (-) vs. Temperature
Figure 20B. Amplifier Slew Rate (-) vs. Voltage
0.00
1.50
3.00
4.50
6.00
7.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0.00
1.50
3.00
4.50
6.00
7.50
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
Min.
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.0
2.0
4.0
6.0
8.0
10.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.
Typ.


Similar Part No. - IR2130DSCB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2130D IRF-IR2130D Datasheet
170Kb / 21P
   3-PHASE DRIVER
IR2130D IRF-IR2130D Datasheet
321Kb / 21P
   3-PHASE DRIVER
IR2130D IRF-IR2130D_15 Datasheet
321Kb / 21P
   3-PHASE DRIVER
More results

Similar Description - IR2130DSCB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-055 IRF-IRSM505-055_15 Datasheet
831Kb / 15P
   Under-voltage lockout for all channels
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
   Undervoltage lockout
April 2015 Rev 3
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
   Undervoltage lockout
April 2015 Rev 4
logo
Rohm
BS2100F ROHM-BS2100F Datasheet
838Kb / 19P
   Built-in Under Voltage Lockout for Both Channels
logo
International Rectifier
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com