Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL41050TE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IL41050TE
Description  Isolated High-Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL41050TE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IL41050TE Datasheet HTML 2Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 3Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 4Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 5Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 6Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 7Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 8Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 9Page - List of Unclassifed Manufacturers IL41050TE Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IL41050
8
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax (952) 829-9189
Internet: www.isoloop.com
Package Drawings, Dimensions and Specifications
0.15" 16-pin SOIC Package
0.054 (1.4)
0.072 (1.8)
0.040 (1.0)
0.060 (1.5)
0.016 (0.4)
0.050 (1.3)
0.386 (9.8)
0.394 (10.0)
Pin 1 identified
by either an
indent or a
marked dot
NOM
0.228 (5.8)
0.244 (6.2)
0.152 (3.86)
0.157 (3.99)
Dimensions in inches (mm)
0.007 (0.2)
0.013 (0.3)
0.004 (0.1)
0.012 (0.3)
0.040 (1.02)
0.050 (1.27)
0.013 (0.3)
0.020 (0.5)
Pin spacing is a BASIC
dimension; tolerances
do not accumulate
NOTE:
0.3" 16-pin SOIC Package
NOM
Pin 1 identified by
either an indent
or a marked dot
0.287 (7.29)
0.300 (7.62)
Dimensions in inches (mm)
0.08 (2.0)
0.10 (2.5)
0.092 (2.34)
0.105 (2.67)
0.397 (10.1)
0.413 (10.5)
0.013 (0.3)
0.020 (0.5)
0.394 (10.00)
0.419 (10.64)
0.040 (1.0)
0.060 (1.5)
0.004 (0.1)
0.012 (0.3)
0.007 (0.2)
0.013 (0.3)
0.016 (0.4)
0.050 (1.3)
Pin spacing is a BASIC
dimension; tolerances
do not accumulate
NOTE:


Similar Part No. - IL41050TE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
More results

Similar Description - IL41050TE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com