Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2405Y Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2405Y
Description  Addressable Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2405Y Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2405Y Datasheet HTML 3Page - Dallas Semiconductor DS2405Y Datasheet HTML 4Page - Dallas Semiconductor DS2405Y Datasheet HTML 5Page - Dallas Semiconductor DS2405Y Datasheet HTML 6Page - Dallas Semiconductor DS2405Y Datasheet HTML 7Page - Dallas Semiconductor DS2405Y Datasheet HTML 8Page - Dallas Semiconductor DS2405Y Datasheet HTML 9Page - Dallas Semiconductor DS2405Y Datasheet HTML 10Page - Dallas Semiconductor DS2405Y Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS2405
7 of 15
102299
18. The master must learn the other devices’ROM data. Therefore it starts another ROM Search sequence
by repeating steps 13 to 15.
19. At the highest bit position where the master wrote a 0 at the previous pass (step 16), it now writes a 1.
This deselects device 2, leaving device 3 active.
20. As in step 17, subsequent reads to the end of the ROM will not show bit conflicts. This completes the
fourth ROM Search pass where the master has learned another ROM’s contents.
After one complete pass, the bus master knows the contents of the 64-bit ROM in one device. Subsequent
passes will reveal the total number of devices and their individual ROM codes. In addition, after each
complete pass of the search that successfully determines the 64-bit ROM for a specific device on the
multidrop bus, that particular device can be individually accessed as if a Match ROM has been issued
since all other devices will have dropped out of the search process and are waiting for a Reset Pulse. The
DS2405 that was discovered by the search process will not toggle the state of its PIO pin at the end of the
search, but additional read time slots issued by the bus master after the search is completed will cause the
DS2405 to output the logic state of its PIO pin onto the 1-Wire bus. If the pulldown is on and the PIO pin
is a logical 0, the DS2405 will respond with read-0 time slots. If the pulldown is off and the PIO pin is a
logical 1 (external pullup is required), the DS2405 will respond with read-1 time slots. Each additional
read time slot issued by the bus master will continue to indicate the state of the PIO pin until a Reset
Pulse is received from the bus master. The combination of Match ROM and Search ROM allows the user
to change the state of the PIO pin and report the current state (Match ROM) or simply report the current
state of the PIO pin without changing it (Search ROM).
Active-Only Search ROM [ECh]
The Active-Only Search ROM command operates similarly to the Search ROM command except that
only devices with their output pulldown turned on are allowed to participate in the search. This provides
an efficient means for the bus master to determine devices on a multidrop system that are active (PIO pin
driven low). After each pass of the active-only search that successfully determines the 64-bit ROM for a
specific device on the multidrop bus with its output pulldown turned on, that particular device can be
individually accessed as if a Match ROM had been issued since all other devices will have dropped out of
the active-only search process and are waiting for a Reset Pulse. The DS2405 that was discovered by the
active-only search process will not toggle the state of its PIO pin at the end of the search, but additional
read time slots issued by the bus master after the search is completed will cause the DS2405 to output the
logic state of its internal CONTROL signal (see Figure 2) onto the 1-wire bus. Since the Active-Only
Search ROM command only operates on devices with their pulldown on, the internal CONTROL signal
for each of these parts is always a logical 1. With CONTROL=1, the selected DS2405 will respond to the
bus master with read-0 time slots after an active-only search pass is successfully completed. Each
additional read time slot issued by the bus master will continue to appear as a read-0 until a Reset Pulse is
received from the bus master. If the CONTROL signal is a logical 0 for any DS2405, that device will not
participate in the Active-Only Search. The combination of Search ROM and Active-Only Search ROM
allows the user to search in the most efficient manner depending on the requirements. If the bus master
interrogates a multidrop system comprised of DS2405s whose PIO conditions are unknown, the Active-
Only Search can quickly determine which devices are turned on. The two commands also allow the bus
master to separately determine the state of the PIO pin and the internal CONTROL signal which may be
useful in detecting certain conditions. If Search ROM returns read-0 time slots (PIO=logical 0) for a
given device, it may be due to that particular DS2405 driving its PIO pin low, or under certain conditions
the logical 0 may be caused by some other device holding PIO low. If that same device is found using an
active-only search, CONTROL must be a logical 1 and the PIO pin is being held low by the DS2405. If


Similar Part No. - DS2405Y

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
419Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
logo
Dallas Semiconductor
DS2405/R DALLAS-DS2405/R Datasheet
419Kb / 15P
   Addressable Switch
DS2405/T DALLAS-DS2405/T Datasheet
419Kb / 15P
   Addressable Switch
DS2405P DALLAS-DS2405P Datasheet
419Kb / 15P
   Addressable Switch
More results

Similar Description - DS2405Y

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
logo
Gamewell-FCI by Honeywe...
ASM-16 GAMEWELL-FCI-ASM-16_13 Datasheet
57Kb / 1P
   ASM-16 Addressable Switch Module
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 110408
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
   1-Wire 8-Channel Addressable Switch
12/10
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Dallas Semiconductor
DS2407 DALLAS-DS2407 Datasheet
194Kb / 31P
   Dual Addressable Switch Plus 1K.Bit Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com