Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2409 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2409
Description  MicroLAN Coupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2409 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2409 Datasheet HTML 1Page - Dallas Semiconductor DS2409 Datasheet HTML 2Page - Dallas Semiconductor DS2409 Datasheet HTML 3Page - Dallas Semiconductor DS2409 Datasheet HTML 4Page - Dallas Semiconductor DS2409 Datasheet HTML 5Page - Dallas Semiconductor DS2409 Datasheet HTML 6Page - Dallas Semiconductor DS2409 Datasheet HTML 7Page - Dallas Semiconductor DS2409 Datasheet HTML 8Page - Dallas Semiconductor DS2409 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DS2409
102199
5 of 18
STATUS CONTROL BYTE Table 1
7
6
5
4
3
2
1
0
DATA
X
CNTR.
SEL.
MODE
R/ W
R/ W
X
X
X
0-2
X
don’t care
3-4
R/ W
Write control: both bits must be 0 to change the status.
5
MODE
control output mode selection: 0 = auto-control mode (default), 1 = manual mode
6
CNTR.
SEL.
control output association (auto-control mode): 0 = main (default), 1 = auxiliary
7
DATA
X
Value to be written to control output (manual mode only): don’t care otherwise
STATUS INFO BYTE Table 2
7
6
5
4
3
2
1
0
MODE
CNTR.
STAT
EVNT
AUX.
EVNT
MAIN
AUX.
LEVL
AUX.
STAT
MAIN
LEVL
MAIN
STAT
0
MAIN
STAT
status of main output: 0 = active (connected to bus master), 1 = inactive
1
MAIN
LEVL
voltage sensed at main output: 0 = low, 1 = high (see note)
2
AUX.
STAT
status of auxiliary output: 0 = active (connected to bus master), 1 = inactive
3
AUX.
LEVL
voltage sensed at auxiliary output: 0 = low, 1 = high (see note)
4
EVNT
MAIN
event flag for main output: 0 = no event, 1 = negative edge sensed since inactive
5
EVNT
AUX.
event flag for aux. Output: 0 = no event, 1 = negative edge sensed since inactive
6
CNTR.
STAT
if auto-control mode: control output association, 0 = main, 1 = auxiliary
if manual mode: 0 = output transistor off, 1 = output transistor on
7
MODE
control output mode: 0 = auto-control mode, 1 = manual mode
Note: Data is valid only if the output is decoupled from the 1-Wire input.
ALL LINES OFF [66h]
This command is used to deactivate the currently active 1-Wire output and to clear both event flags or to
end a discharge cycle initiated by the Discharge Lines command. Before issuing this command, one
should read the status and check the event flags of both, the main and the auxiliary output. Otherwise one
might inadvertently clear the event flag without having taken appropriate action. If the DS2409 is in auto-
control mode, the transistor at the control output will be switched off (non-conducting). At power-on, the
device will automatically perform the All Lines Off command. In contrast to a power-on cycle, the All
Lines Off command does not clear the Mode and Control Select bits.


Similar Part No. - DS2409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2409 MAXIM-DS2409 Datasheet
425Kb / 18P
   MicroLAN Coupler
061907
More results

Similar Description - DS2409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2409 MAXIM-DS2409 Datasheet
425Kb / 18P
   MicroLAN Coupler
061907
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
   Coupler
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
   Coupler
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
   Coupler
07.13
logo
American Accurate Compo...
JXWBOH-T-450-890-7 AAC-JXWBOH-T-450-890-7 Datasheet
41Kb / 1P
   Coupler
JXWBOH-T-450-890-10 AAC-JXWBOH-T-450-890-10 Datasheet
45Kb / 1P
   Coupler
logo
M/A-COM Technology Solu...
MACP-010383-CH0A40 MA-COM-MACP-010383-CH0A40_15 Datasheet
121Kb / 4P
   Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com