Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPPC132LFBN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PPPC132LFBN
Description  HEADER FEMALE, 2.54mm CC, ST
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPPC132LFBN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PPPC132LFBN Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pb
RoHS COMPLIANT
.016±.002 0.40±0.05
.126±.008 3.20±0.20
.200 5.08
.100±.002 2.54±0.05
B
.100 2.54
.040±.002 1.02±0.05
.100 2.54
A±.004[ 0.10]
.100 2.54
RECOMMENDED PCB LAYOUT
DUAL ROWS
TOLERANCE: .002[ 0.05]
.040±.002 1.02±0.05
.100 2.54
A±.004[ 0.10]
RECOMMENDED PCB LAYOUT
SINGLE ROW
TOLERANCE: .002[ 0.05]
.100 2.54
.016±.002 0.40±0.05
.126±.012 3.20±0.30
.335 8.50
B .014[ 0.35]
.030±.002 0.75±0.05
.090
REF
2.29
.236±.008 6.00±0.20
.100±.002 2.54±0.05
A .008[ 0.20]
02-20, 0.20mm MAX.
21-40, 0.30mm MAX.
02-20, 0.20mm MAX.
21-40, 0.30mm MAX.
B
SINGLE ROW
DUAL ROWS
NOTES:
1. INSULATOR MATERIAL: SEE PART NUMBER CODING.
2. CONTACT MATERIAL: .PHOSPHOR BRONZE.
3. CONTACT PLATING: SEE PART NUMBER CODING.
4. CURRENT RATING: 3 AMPS
5. VOLTAGE RATING: 250V AC/DC
6. INSULATOR RESISTANCE: 5000 MEGOHMS MIN.
7. CONTACT RESISTANCE: 20 MILLIOHMS MAX.
8. DIELECTRIC WITHSTANDING: 500V AC.
9. OPERATING TEMPERATURE: -40° C TO +105° C.
*INDICATED TEMPERATURE AND TIME IS FOR COMPONENT
INSULATOR. HIGHER PROCESSING TEMPERATURES MAY BE USED,
PROVIDED HEAT IS APPLIED FROM BACK SIDE OF PCB, AND INSULATOR
DOES NOT EXCEED INDICATED TEMPERATURE AND TIME.
DUAL ROWS
REVISIONS
REV.
ECO. NO
DESCRIPTION
DATE
BY
E
1869
UPDATE MAX CONTACT DEPTH, TOLERANCE &
NOTE, ADD SINGLE ROW PCB LAYOUT
12/23/2008
JH
F
2055
UPDATE MIN. CONTACT DEPTH TO 2.29mm (WAS
3.175), MAX. CONTACT DEPTH TO 6.00mm (WAS
6.05), INSULATOR WIDTH TO 2.50mm (WAS 2.54)
FOR 1-ROW, 5.08mm (WAS 5.00) FOR 2-ROW
11/12/09
LH
G
2164
CORRECT STANDOFF ON THE RIGHT VIEW AND THE
ISO VIEW.
7/28/2010
LH
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR: 5
.XX= .01 [.2]
.XXX= .006 [.15]
SURFACE FINISH: 63 Ra
REMOVE ALL BURRS AND SHARP EDGES .010 MAX
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 1 OF 1
SCALE: 16:1
JH
10492
G
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
HEADER FEMALE, 2.54mm CC, ST
xPxCxxxLFBN-RC
FILE NAME: Z:\COMPONENTS\Taiwan\TAiPEI-CALIFORNIA\TO CALIFORNIA (JEN)\ECO 2164 FOR APPROVAL\10492, P(N)PxCxxxLFBN-RC PRINT: 8/12/2010
DESCRIPTION
12/15/08
PART NUMBER


Similar Part No. - PPPC132LFBN

ManufacturerPart #DatasheetDescription
logo
u-blox AG
PPP-TGV U-BLOX-PPP-TGV Datasheet
808Kb / 28P
   u-blox M8 concurrent GNSS modules
PPP-TGV U-BLOX-PPP-TGV Datasheet
1Mb / 26P
   u-blox M8 concurrent GNSS modules
PPP-TGV U-BLOX-PPP-TGV Datasheet
1Mb / 29P
   u-blox M8 High Precision GNSS Modules
PPP-TGV U-BLOX-PPP-TGV Datasheet
1Mb / 31P
   Ultra-small u-blox M8 GNSS SiP modules
PPP-TGV U-BLOX-PPP-TGV Datasheet
1Mb / 26P
   Easy-to-use u-blox M8 GNSS antenna module
More results

Similar Description - PPPC132LFBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPTC132LJBN ETC2-PPTC132LJBN Datasheet
300Kb / 1P
   HEADER FEMALE, 2.54mm CC, 2 ROWS, RA
NRPN072PAEN-RC ETC2-NRPN072PAEN-RC Datasheet
304Kb / 1P
   HEADER,MALE 2MM CC, 2 ROWS, ST
SWR201-NRTN-SXX-SA-WH ETC2-SWR201-NRTN-SXX-SA-WH Datasheet
128Kb / 1P
   WAFER 2.0mm CC, 1 ROW, ST
logo
PHOENIX CONTACT
1452372 PHOENIX-1452372 Datasheet
47Kb / 2P
   Crimp contact - CC-0,8-ST-0,34-MS AU
1452356 PHOENIX-1452356 Datasheet
47Kb / 2P
   Crimp contact - CC-1,0-ST-0,34-MS AU
1239798 PHOENIX-1239798 Datasheet
189Kb / 5P
   CC-1,0-ST-0,34-MS AUX - Crimp contact
logo
HARTING Technology Grou...
09-14-004-3141 HARTING-09-14-004-3141 Datasheet
455Kb / 2P
   Han CC Protected module, crimp female
2021-12-04
logo
List of Unclassifed Man...
SWH25X-NULC-SXX-UU-BA ETC2-SWH25X-NULC-SXX-UU-BA Datasheet
129Kb / 1P
   HOUSING, 2.54mm CC, 1 ROW
logo
Molex Electronics Ltd.
0313872014 MOLEX4-0313872014 Datasheet
744Kb / 5P
   2.54mm (.100") Pitch, MX123??Female Header
logo
Dubilier
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com