Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1323NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA1323NL
Description  SMT Gate Drive Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1323NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA1323NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 3Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 4Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
pulseelectronics.com
SMT Gate Drive Transformers
>1500VDC Basic and Functional Insulation
SPM2007 (05/13)
PE-68386NL
Mechanicals
Schematics
NL
6
1
3
4
Weight .............................0.28 grams
Tape & Reel .........................1500/reel
Tube ......................................60/tube
Dimension:
Inches
mm
.010
0,25
Unless otherwise specified, all tolerances are ±
PA0264NL
P0926NL
NL
Weight .............................0.28 grams
Tape & Reel .........................1500/reel
Tube ......................................60/tube
Dimension:
Weight .............................0.48 grams
Tape & Reel .........................1000/reel
Tube ......................................80/tube
Dimension:
Inches
mm
Inches
mm
.010
0,25
.010
0,25
Unless otherwise specified, all tolerances are ±
Unless otherwise specified, all tolerances are ±
NL


Similar Part No. - PA1323NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
More results

Similar Description - PA1323NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA0185NLT PULSE-PA0185NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
logo
Coilcraft lnc.
DA2319-AL COILCRAFT-DA2319-AL Datasheet
160Kb / 1P
   SMT Gate Drive Transformers
logo
Pulse A Technitrol Comp...
PA0184NLT PULSE-PA0184NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA2001NLT PULSE-PA2001NLT Datasheet
788Kb / 3P
   SMT Gate Drive Transformers
logo
EPCOS
B82804A0354A110 EPCOS-B82804A0354A110 Datasheet
579Kb / 5P
   SMT gate drive transformers
logo
Pulse A Technitrol Comp...
PA0264NLT PULSE-PA0264NLT Datasheet
144Kb / 3P
   SMT GATE DRIVE TRANSFORMERS
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
PL1960 PULSE-PL1960 Datasheet
180Kb / 1P
   SMT GATE DRIVE TRANSFORMERS
PA2007NLT PULSE-PA2007NLT Datasheet
789Kb / 3P
   SMT Gate Drive Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com