Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1323NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA1323NL
Description  SMT Gate Drive Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1323NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA1323NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 3Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 4Page - Pulse A Technitrol Company PA1323NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
pulseelectronics.com
SMT Gate Drive Transformers
>1500VDC Basic and Functional Insulation
SPM2007 (05/13)
>1500VDC isolation between Gate and Drive
Basic insulation (1.4mm creepage/
clearance) and functional available
Operating frequency: 50kHz and up
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Part
Number
Turns
Ratio
Pri-Sec
Insulation
(VDC)
MAX
V*µsec
Primary
Inductance
(µH MIN)
Leakage
Inductance
(µH MAX)
DCR
Primary
(
Ω MAX)
DCR
Secondary
(
Ω MAX)
Package Size
(L x W x H)
(mm MAX)
PE-68386NL
1:1
1500 Vrms
9.7
785
0.46
0.60
0.60
8.6 x 6.7 x 2.5
P0926NL
1:1:1
1500 Vrms
23.8
300
0.50
2.00
2.00
8.0 x 6.6 x 5.3
P0544NL
1:1:1
1500 Vrms
45.1
3300
0.70
1.60
1.60
9.0 x 8.6 x 7.6
PA0264NL
1:1:1
1500 Vrms
12.7
1140
0.65
0.75
0.75
8.6 x 6.7 x 3.6
PA1323NL
1:1
1500 Vrms
21.7
600
2.0
1.25
1.25
9.5 x 7.0 x 5.3
PA0173NL
1:1:1
1500 Vrms
17.2
980
0.75
0.62
0.88
11.8 x 8.8 x 4.0
PA0185NL
1:1
1500 Vrms
17.2
980
0.75
0.88
0.62
11.8 x 8.8 x 4.0
PA0184NL
1:1
1500 Vrms
27.2
1200
0.50
0.91
0.91
9.0 x 8.6 x 7.6
PA2777NL
1:1
1500 Vrms
9.3
335.2
0.36
0.70
0.70
7.1 x 6.1 x 5.5
PA0510NL
2.5:1:1
1500 Vrms
27.2
1200
0.68
0.91
0.380
9.0 x 8.6 x 7.6
PA3493NL
1.25:1
1650 Vdc
23
656
1.3
1.03
0.85
10.9 x 9.7 x 2.7
Notes:
1. The Maximum volt-µsec rating limits the peak flux density to 2200 Gauss when
used in a unipolar drive application. For bi-polar drive applications, a maximum
volt-sec of two times this rating is acceptable (ie: 2* (volt*µsec rating) = (voltage
applied to the primary) * dutycycle / Frequency = V * alpha / Freq_Hz = V * µsec
2. Leakage inductance is measured at primary terminals with all secondaries shorted.
3. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part
number (i.e. P0544NL becomes P0544NLT). Pulse complies to industry standard
tape and reel specification EIA481.
3,4
1
2
5
4. The “NL” suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not
necessarily RoHS compliant, but are electrically and mechanically equivalent to NL versions.
If a part number does not have the “NL” suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
5. The temperature of the component (ambient plus temperature rise) must be within the
stated operating temperature range.
Functional Insulation
113
Basic Insulation (1.4mm creepage and clearance between Primary and Secondary)


Similar Part No. - PA1323NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA1323NL PULSE-PA1323NL Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
More results

Similar Description - PA1323NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA0185NLT PULSE-PA0185NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
logo
Coilcraft lnc.
DA2319-AL COILCRAFT-DA2319-AL Datasheet
160Kb / 1P
   SMT Gate Drive Transformers
logo
Pulse A Technitrol Comp...
PA0184NLT PULSE-PA0184NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA2001NLT PULSE-PA2001NLT Datasheet
788Kb / 3P
   SMT Gate Drive Transformers
logo
EPCOS
B82804A0354A110 EPCOS-B82804A0354A110 Datasheet
579Kb / 5P
   SMT gate drive transformers
logo
Pulse A Technitrol Comp...
PA0264NLT PULSE-PA0264NLT Datasheet
144Kb / 3P
   SMT GATE DRIVE TRANSFORMERS
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
PL1960 PULSE-PL1960 Datasheet
180Kb / 1P
   SMT GATE DRIVE TRANSFORMERS
PA2007NLT PULSE-PA2007NLT Datasheet
789Kb / 3P
   SMT Gate Drive Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com