Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS229S Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS229S
Description  Triple RS-232 Transmitter/Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS229S Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS229S Datasheet HTML 1Page - Dallas Semiconductor DS229S Datasheet HTML 2Page - Dallas Semiconductor DS229S Datasheet HTML 3Page - Dallas Semiconductor DS229S Datasheet HTML 4Page - Dallas Semiconductor DS229S Datasheet HTML 5Page - Dallas Semiconductor DS229S Datasheet HTML 6Page - Dallas Semiconductor DS229S Datasheet HTML 7Page - Dallas Semiconductor DS229S Datasheet HTML 8Page - Dallas Semiconductor DS229S Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS229
8 of 9
20-PIN SOIC (300-MIL)
PKG
20-PIN
DIM
MIN
MAX
A IN.
MM
0.094
2.39
0.105
2.67
A1 IN.
MM
0.004
0.102
0.012
0.30
A2 IN.
MM
0.089
2.26
0.095
2.41
b IN.
MM
0.013
0.33
0.020
0.51
C IN.
MM
0.009
0.229
0.013
0.33
D IN.
MM
0.498
12.65
0.511
12.99
e IN.
MM
0.050 BSC
1.27 BSC
E1 IN.
MM
0.290
7.37
0.300
7.62
H IN.
MM
0.398
10.11
0.416
10.57
L IN.
MM
0.016
0.40
0.040
1.02
Θ
Θ
Θ
Θ
0
°
8
°


Similar Part No. - DS229S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2290 DALLAS-DS2290 Datasheet
104Kb / 9P
   T1 Isolation Stik
logo
Maxim Integrated Produc...
DS2291 MAXIM-DS2291 Datasheet
104Kb / 9P
   T1 Long Loop Stik
022798
More results

Similar Description - DS229S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
   5V Powered Dual RS-232 Transmitter/Receiver
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
logo
TelCom Semiconductor, I...
TC232 TELCOM-TC232 Datasheet
51Kb / 3P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
logo
Intersil Corporation
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com