Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-2020-A-60-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-2020-A-60-2
Description  Stackable Banana Plug on Both End
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-2020-A-60-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-2020-A-60-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Mini-plunger to Stackable Banana Plug
• Material: Banana Plug: ABS housing, brass body and beryllium copper,
Nickel-plated, nine-leaf cage spring;
Hook-up wire: #20(41/36) AWG tinned copper with 105°C
PVC insulation; Plunger: Nylon housing; Stainless steel spring
Beryllium copper contact
• ** Length: -12”(.3m), -24”(.6m), -36”(.9m), -48”(1.2m), -60”(1.5m)
• *Std Colors: -0 Black -2 Red
• Rating: Hands free testing at 300V Category II, 5 Amps
• RoHS Compliant
Part Number:
BU-2020-A-**- *
Description:
Stackable Banana Plug
on Both End
2607


Similar Part No. - BU-2020-A-60-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-2020-A-60-0 ETC2-BU-2020-A-60-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
More results

Similar Description - BU-2020-A-60-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-2020-A-60-0 ETC2-BU-2020-A-60-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
   Stackable Banana Plug
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
   SOLDERLESS STACKABLE BANANA PLUG
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
BU-31104-0 ETC2-BU-31104-0 Datasheet
225Kb / 1P
   Insulated, Stackable Banana Plug
logo
3M Electronics
B-72-0 3M-B-72-0 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
B-60-1 3M-B-60-1 Datasheet
23Kb / 1P
   Stack-Up Banana Plug Both Ends
logo
Pomona Electronics
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
   Standard Banana Plug, Solderless and Stackable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com