Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4280MLIAA Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE4280MLIAA
Description  75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4280MLIAA Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE4280MLIAA Datasheet HTML 1Page - Peregrine Semiconductor PE4280MLIAA Datasheet HTML 2Page - Peregrine Semiconductor PE4280MLIAA Datasheet HTML 3Page - Peregrine Semiconductor PE4280MLIAA Datasheet HTML 4Page - Peregrine Semiconductor PE4280MLIAA Datasheet HTML 5Page - Peregrine Semiconductor PE4280MLIAA Datasheet HTML 6Page - Peregrine Semiconductor PE4280MLIAA Datasheet HTML 7Page - Peregrine Semiconductor PE4280MLIAA Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE4280
Page 5 of 8
©2010-11 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0164-05
│ www.psemi.com
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
RF1 - RF2 (RF1 Thru)
RF1 - RF2 (RF2 Thru)
RF1 - RF2 (RF1 & 2 OPEN)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
RFC - RF1 (RF2 OPEN)
RFC - RF2 (RF1 OPEN)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
RFC - RF1 (RF2 CLOSED)
RFC - RF2 (RF1 CLOSED)
Frequency (MHz)
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
500
1000
1500
2000
2500
3000
25C
-40C
85C
Frequency (MHz)
Typical Performance Data from -40 °C to +85 °C (unless otherwise noted)
(75
Ω impedance except as indicated)
Figure 7. Input to Output Isolation (Closed)
Figure 9.
Isolation - RF1 To RF2
Figure 8. Input to Output Isolation (Open)
Figure 6. Insertion Loss (RFC to RF1 or RF2)
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE4280MLIAA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Pasternack Enterprises,...
PE4280 PASTERNACK-PE4280 Datasheet
263Kb / 2P
   75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
More results

Similar Description - PE4280MLIAA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com