Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS2W150B Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NS2W150B
Description  SPECIFICATIONS FOR WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS2W150B Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NS2W150B Datasheet HTML 7Page - NICHIA CORPORATION NS2W150B Datasheet HTML 8Page - NICHIA CORPORATION NS2W150B Datasheet HTML 9Page - NICHIA CORPORATION NS2W150B Datasheet HTML 10Page - NICHIA CORPORATION NS2W150B Datasheet HTML 11Page - NICHIA CORPORATION NS2W150B Datasheet HTML 12Page - NICHIA CORPORATION NS2W150B Datasheet HTML 13Page - NICHIA CORPORATION NS2W150B Datasheet HTML 14Page - NICHIA CORPORATION NS2W150B Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NICHIA STS-DA1-2654D <Cat.No.130610>
10
OPTICAL CHARACTERISTICS
NS2W150B
管理番号
No. STS-DA7-3778A
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
350
400
450
500
550
600
650
700
750
相対照度
Relative Illuminance(a.u.)
Directivity1
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
発光スペクトル
Spectrum
波長
Wavelength(nm)
指向特性
Directivity
10.5
0
0.5
1
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
150mA
IFP=
TA=25°C
150mA
IFP=
TA=25°C


Similar Part No. - NS2W150B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NS2W157AR NICHIA-NS2W157AR Datasheet
301Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NS2W157ART NICHIA-NS2W157ART Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NS2W157ART-H3 NICHIA-NS2W157ART-H3 Datasheet
273Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NS2W157BR NICHIA-NS2W157BR Datasheet
305Kb / 18P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NS2W150B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com