Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2252T Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2252T
Description  Secure Microcontroller Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2252T Datasheet HTML 1Page - Dallas Semiconductor DS2252T Datasheet HTML 2Page - Dallas Semiconductor DS2252T Datasheet HTML 3Page - Dallas Semiconductor DS2252T Datasheet HTML 4Page - Dallas Semiconductor DS2252T Datasheet HTML 5Page - Dallas Semiconductor DS2252T Datasheet HTML 6Page - Dallas Semiconductor DS2252T Datasheet HTML 7Page - Dallas Semiconductor DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS2252T
4 of 15
PIN ASSIGNMENT
1
P1.0
11
P1.5
21
P3.1 TXD
31
P3.6 WR
2VCC
12
P0.4
22
ALE
32
P2.4
3
P1.1
13
P1.6
23
P3.2 INT0
33
P3.7 RD
4
P0.0
14
P0.5
24
PROG
34
P2.3
5
P1.2
15
P1.7
25
P3.3 INT1
35
XTAL2
6
P0.1
16
P0.6
26
P2.7
36
P2.2
7
P1.3
17
RST
27
P3.4 T0
37
XTAL1
8
P0.2
18
P0.7
28
P2.6
38
P2.1
9
P1.4
19
P3.0 RXD
29
P3.5 T1
39
GND
10
P0.3
20
SDI
30
P2.5
40
P2.0
PIN DESCRIPTION
PIN
DESCRIPTION
4, 6, 8, 10,
12, 14, 16,
18
P0.0 - P0.7. General purpose I/O Port 0. This port is open-drain and can not drive a logic
1. It requires external pullups. Port 0 is also the multiplexed Expanded Address/Data bus.
When used in this mode, it does not require pullups.
1, 3, 5, 7,
9, 11, 13,
15
P1.0 - P1.7. General purpose I/O Port 1.
40, 38, 36,
34, 32, 30,
28, 26
P2.0 - P2.7. General purpose I/O Port 2. Also serves as the MSB of the Expanded
Address bus.
19
P3.0 RXD. General purpose I/O port pin 3.0. Also serves as the receive signal for the on
board UART. This pin should NOT be connected directly to a PC COM port.
21
P3.1 TXD. General purpose I/O port pin 3.1. Also serves as the transmit signal for the on
board UART. This pin should NOT be connected directly to a PC COM port.
23
P3.2 INT0 . General purpose I/O port pin 3.2. Also serves as the active low External
Interrupt 0. This pin is also connected to the INTP output of the DS1283 Real Time
Clock.
25
P3.3 INT1 . General purpose I/O port pin 3.3. Also serves as the active low External
Interrupt 1.
27
P3.4 T0. General purpose I/O port pin 3.4. Also serves as the Timer 0 input.
29
P3.5 T1. General purpose I/O port pin 3.5. Also serves as the Timer 1 input.
31
P3.6 WR . General purpose I/O port pin. Also serves as the write strobe for Expanded bus
operation.
33
P3.7 RD . General purpose I/O port pin. Also serves as the read strobe for Expanded bus
operation.
17
RST - Active high reset input. A logic 1 applied to this pin will activate a reset state. This
pin is pulled down internally, can be left unconnected if not used. An RC power-on reset
circuit is not needed and is NOT recommended.


Similar Part No. - DS2252T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
95Kb / 14P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2252T-128-16 DALLAS-DS2252T-128-16 Datasheet
95Kb / 14P
   Secure Microcontroller Module
More results

Similar Description - DS2252T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_1 Datasheet
95Kb / 14P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
logo
ATMEL Corporation
AT90SC6464C-USB ATMEL-AT90SC6464C-USB Datasheet
55Kb / 4P
   Secure Microcontroller
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com