Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2251 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2251
Description  128k Soft Microcontroller Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2251 Datasheet HTML 6Page - Dallas Semiconductor DS2251 Datasheet HTML 7Page - Dallas Semiconductor DS2251 Datasheet HTML 8Page - Dallas Semiconductor DS2251 Datasheet HTML 9Page - Dallas Semiconductor DS2251 Datasheet HTML 10Page - Dallas Semiconductor DS2251 Datasheet HTML 11Page - Dallas Semiconductor DS2251 Datasheet HTML 12Page - Dallas Semiconductor DS2251 Datasheet HTML 13Page - Dallas Semiconductor DS2251 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS2251T
10 of 20
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Pin Capacitance
CIN
10
pF
5
Reset Trip Point in Stop Mode
w/BAT=3.0V
w/BAT=3.3V
4.0
4.4
4.25
4.65
V1
AC CHARACTERISTICS: EXPANDED
BUS MODE TIMING SPECIFICATIONS
(tA=0˚C to70˚C; VCC=5V
± 10%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
1
Oscillator Frequency
1/tCLK
1.0
16 (-16)
MHz
2
ALE Pulse Width
tALPW
2tCLK -40
ns
3
Address Valid to ALE Low
tAVALL
tCLK -40
ns
4
Address Hold After ALE Low
tAVAAV
tCLK -35
ns
5
ALE Low to Valid Instr. In
@ 12 MHz
@ 16 MHz
tALLVI
4tCLK -150
4tCLK -90
ns
6
ALE Low to PSEN Low
tALLPSL
tCLK -25
ns
7
PSEN
Pulse Width
tPSPW
3tCLK -35
ns
8
PSEN
Low to Valid Instr. In
@ 12 MHz
@ 16 MHz
tPSLVI
3tCLK -150
3tCLK -90
ns
ns
9
Input Instr. Hold after PSEN Going High
tPSIV
0ns
10
Input Instr. Float after PSEN Going High
tPSIX
tCLK -20
ns
11
Address Hold after PSEN Going High
tPSAV
tCLK -8
ns
12
Address Valid to Valid Instr. In @ 12 MHz
@ 16 MHz
tAVVI
5tCLK -150
5tCLK -90
ns
ns
13
PSEN
Low to Address Float
tPSLAZ
0ns
14
RD
Pulse Width
tRDPW
6tCLK -100
ns
15
WR
Pulse Width
tWRPW
6tCLK -100
ns
16
RD
Low to Valid Data In
@ 12 MHz
@ 16 MHz
tRDLDV
5tCLK -165
5tCLK -105
ns
ns
17
Data Hold after RD High
tRDHDV
0ns
18
Data Float after RD High
tRDHDZ
2tCLK -70
ns
19
ALE Low to Valid Data In
@ 12 MHz
@ 16 MHz
tALLVD
8CLK -150
8tCLK -90
ns
ns
20
Valid Addr. to Valid Data In
@ 12 MHz
@ 16 MHz
tAVDV
9tCLK -165
9tCLK -105
ns
ns
21
ALE Low to RD or WR Low
tALLRDL
3tCLK -50
3tCLK +50
ns
22
Address Valid to RD or WR Low
tAVRDL
4tCLK -130
ns
23
Data Valid to WR Going Low
tDVWRL
tCLK -60
ns
24
Data Valid to WR High
@ 12 MHz
tDVWRH
7tCLK -150
ns


Similar Part No. - DS2251

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T DALLAS-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results

Similar Description - DS2251

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com