Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2251 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2251
Description  128k Soft Microcontroller Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2251 Datasheet HTML 1Page - Dallas Semiconductor DS2251 Datasheet HTML 2Page - Dallas Semiconductor DS2251 Datasheet HTML 3Page - Dallas Semiconductor DS2251 Datasheet HTML 4Page - Dallas Semiconductor DS2251 Datasheet HTML 5Page - Dallas Semiconductor DS2251 Datasheet HTML 6Page - Dallas Semiconductor DS2251 Datasheet HTML 7Page - Dallas Semiconductor DS2251 Datasheet HTML 8Page - Dallas Semiconductor DS2251 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
011800
FEATURES
8051-compatible microcontroller adapts to its
task
-
32K, 64K, or 128K bytes of nonvolatile
SRAM for program and/or data storage
-
In-system programming via on-chip serial
port
-
Capable of modifying its own program or
data memory in the end system
-
Provides separate Byte-wide bus for
peripherals
-
Performs CRC-16 check of NV RAM
memory
High-reliability operation
-
Maintains all nonvolatile resources for
over 10 years in the absence of power
-
Power-fail reset
-
Early Warning Power-fail Interrupt
-
Watchdog Timer
-
Lithium backed memory remembers
system state
-
Precision reference for power monitor
Fully 8051-compatible
-
128 bytes scratchpad RAM
-
Two timer/counters
-
On-chip serial port
-
32 parallel I/O port pins
Permanently powered real time clock
PIN ASSIGNMENT
DESCRIPTION
The DS2251T 128k Soft Microcontroller Module is an 8051-compatible microcontroller module based on
nonvolatile RAM technology. It is designed for systems that need large quantities of nonvolatile memory.
Like other members of the Secure Microcontroller family, it provides full compatibility with the 8051
instruction set, timers, serial port, and parallel I/O ports. By using NV RAM instead of ROM, the user can
program, then reprogram the microcontroller while in-system. The application software can even change
its own operation. This allows frequent software upgrades, adaptive programs, customized systems, etc.
In addition, by using NV RAM, the DS2251T is ideal for data logging applications. The powerful real
time clock includes interrupts for time stamp and date. It keeps time to one-hundredth of seconds using its
onboard 32 kHz crystal.
DS2251(T)
128k Soft Microcontroller Module
www.dalsemi.com
72-Pin SIMM


Similar Part No. - DS2251

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T DALLAS-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results

Similar Description - DS2251

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com