Electronic Components Datasheet Search |
|
NFM21HC104R1A3D Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd. |
|
NFM21HC104R1A3D Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd. |
14 / 93 page 12 1 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. BLM15B Series s Features The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted. BLM series is effective in circuits without stable ground lines because BLM series does not need a connection to ground. The nickel barrier structure of the external electrodes provides excellent solder heat resistance. BLM_B series can minimize attenuation of the signal waveform due to its sharp impedance characteristics. Various impedances are available to match signal frequency. (in mm) 0.5 ±0.05 1.0 ±0.05 0.25 ±0.1 Part Number Impedance (at 100MHz/20 °C) (ohm) Rated Current (mA) DC Resistance (max.) (ohm) Operating Temperature Range ( °C) BLM15BB050SH1 5 ±25% 500 0.08 -55 to +125 BLM15BB100SH1 10 ±25% 300 0.10 -55 to +125 BLM15BB220SH1 22 ±25% 300 0.20 -55 to +125 BLM15BB470SH1 47 ±25% 300 0.35 -55 to +125 BLM15BB750SH1 75 ±25% 300 0.40 -55 to +125 BLM15BB121SH1 120 ±25% 300 0.55 -55 to +125 BLM15BB221SH1 220 ±25% 200 0.80 -55 to +125 BLM15BD471SH1 470 ±25% 200 0.60 -55 to +125 BLM15BD601SH1 600 ±25% 200 0.65 -55 to +125 BLM15BD102SH1 1000 ±25% 200 0.90 -55 to +125 BLM15BD182SH1 1800 ±25% 200 1.40 -55 to +125 s Equivalent Circuit (Resistance element becomes dominant at high frequencies.) C50E.pdf Aug.28,2008 |
Similar Part No. - NFM21HC104R1A3D |
|
Similar Description - NFM21HC104R1A3D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |