Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS6401 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS6401
Description  SAW Filter Electrical Characteristic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS6401 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS6401 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
______________________________________________________________________________________________ 
P.O.Box 2513 Chongqing China 400060   Tel:86-23-62920684   Fax:62805284   email:sawmkt@sipat.com
SP-LBS64.4 SAW Filter Electrical Characteristic
Parameter 
Unit 
Minimum  Typical  Maximum 
 Center Frequency 
MHz 
64.35 
64.4 
64.45 
Insertion Loss 
dB 
- 
18  
20 
3 dB Bandwidth 
MHz 
0.2 
 0.24 
- 
50 dB Bandwidth 
MHz 
- 
0.83 
0.9 
Absolute Delay 
usec 
- 
3.954 
4.0 
Ultimate Rejection 
dB 
50 
60 
- 
Substrate Material 
 
Quartz 
Ambient Temperature 
C 
25 
Package Size 
DIP3512  (35*12.7*5mm
) 
 
63.4
63.6
63.8
64
64.2
64.4
64.6
64.8
65
65.2
65.4
-90
-80
-70
-60
-50
-40
-30
-20
Type performance
Frequency(MHz)
SP-LBS64.4 SAW Filter Electrical
Characteristic


Similar Part No. - LBS6401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS6401 SIPAT-LBS6401 Datasheet
66Kb / 1P
   SAW Filter Electrical Characteristic
More results

Similar Description - LBS6401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT6502 SIPAT-LBT6502 Datasheet
88Kb / 1P
   SAW Filter Electrical Characteristic
LBT7003L SIPAT-LBT7003L Datasheet
76Kb / 1P
   SAW Filter Electrical Characteristic
LBN16004 SIPAT-LBN16004 Datasheet
139Kb / 1P
   SAW Filter Electrical Characteristic
LBN16008 SIPAT-LBN16008 Datasheet
49Kb / 1P
   SAW Filter Electrical Characteristic
LBN21001 SIPAT-LBN21001 Datasheet
47Kb / 1P
   SAW Filter Electrical Characteristic
LBN07080 SIPAT-LBN07080 Datasheet
44Kb / 1P
   SAW Filter Electrical Characteristic
LBN08021 SIPAT-LBN08021 Datasheet
64Kb / 1P
   SAW Filter Electrical Characteristic
LBS14027 SIPAT-LBS14027 Datasheet
129Kb / 1P
   SAW Filter Electrical Characteristic
LBS15701 SIPAT-LBS15701 Datasheet
49Kb / 1P
   SAW Filter Electrical Characteristic
LBS16012 SIPAT-LBS16012 Datasheet
46Kb / 1P
   SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
   SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com