Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21Q42TN Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS21Q42TN
Description  Enhanced QUAD T1 FRAMER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q42TN Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS21Q42TN Datasheet HTML 1Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 2Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 3Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 4Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 5Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 6Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 7Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 8Page - Dallas Semiconductor DS21Q42TN Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
DS21Q42
3 of 119
Functional Description
The receive side framer locates D4 (SLC–96) or ESF multiframe boundaries as well as detects incoming
alarms including, carrier loss, loss of synchronization, blue (AIS) and yellow alarms. If needed, the
receive side elastic store can be enabled in order to absorb the phase and frequency differences between
the recovered T1 data stream and an asynchronous backplane clock which is provided at the RSYSCLK
input. The clock applied at the RSYSCLK input can be either a 2.048 MHz clock or a 1.544 MHz clock.
The RSYSCLK can be a burst clock with speeds up to 8.192 MHz.
The transmit side of the DS21Q42 is totally independent from the receive side in both the clock
requirements and characteristics. Data off of a backplane can be passed through a transmit side elastic
store if necessary. The transmit formatter will provide the necessary frame/multiframe data overhead for
T1 transmission.
Reader’s Note:
This data sheet assumes a particular nomenclature of the T1 operating environment. In each 125 us frame,
there are 24 eight–bit channels plus a framing bit. It is assumed that the framing bit is sent first followed
by channel 1. Each channel is made up of eight bits which are numbered 1 to 8. Bit number 1 is the MSB
and is transmitted first. Bit number 8 is the LSB and is transmitted last. Throughout this data sheet, the
following abbreviations will be used:
D4
Superframe (12 frames per multiframe) Multiframe Structure
SLC–96
Subscriber Loop Carrier – 96 Channels (SLC–96 is an AT&T registered trademark)
ESF
Extended Superframe (24 frames per multiframe) Multiframe Structure
B8ZS
Bipolar with 8 Zero Substitution
CRC
Cyclical Redundancy Check
Ft
Terminal Framing Pattern in D4
Fs
Signaling Framing Pattern in D4
FPS
Framing Pattern in ESF
MF
Multiframe
BOC
Bit Oriented Code
HDLC
High Level Data Link Control
FDL
Facility Data Link


Similar Part No. - DS21Q42TN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q42 MAXIM-DS21Q42 Datasheet
954Kb / 116P
   Enhanced Quad T1 Framer
062602
More results

Similar Description - DS21Q42TN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q42 MAXIM-DS21Q42 Datasheet
954Kb / 116P
   Enhanced Quad T1 Framer
062602
logo
PMC-Sierra, Inc
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
   Quad T1 Framer
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
   Quad T1 Framer
logo
Maxim Integrated Produc...
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
   Quad T1 Framer
092299
logo
Dallas Semiconductor
DS21Q44 DALLAS-DS21Q44 Datasheet
620Kb / 105P
   Enhanced QUAD E1 FRAMER
logo
Maxim Integrated Produc...
DS21Q44 MAXIM-DS21Q44 Datasheet
708Kb / 105P
   Enhanced Quad E1 Framer
062602
logo
Cirrus Logic
CS62180 CIRRUS-CS62180 Datasheet
411Kb / 50P
   T1 FRAMER
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
   T1 FRAMER/TRANSCEIVER
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
   Octal T1 Framer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com