Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21Q43A Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS21Q43A
Description  Quad E1 Framer
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q43A Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS21Q43A Datasheet HTML 1Page - Dallas Semiconductor DS21Q43A Datasheet HTML 2Page - Dallas Semiconductor DS21Q43A Datasheet HTML 3Page - Dallas Semiconductor DS21Q43A Datasheet HTML 4Page - Dallas Semiconductor DS21Q43A Datasheet HTML 5Page - Dallas Semiconductor DS21Q43A Datasheet HTML 6Page - Dallas Semiconductor DS21Q43A Datasheet HTML 7Page - Dallas Semiconductor DS21Q43A Datasheet HTML 8Page - Dallas Semiconductor DS21Q43A Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
DS21Q43A
2 of 60
1.0 INTRODUCTION
The DS21Q43A Quad E1 Framer is made up of five main parts: framer #0, framer #1, framer #2, framer
#3, and the control port which is shared by all four framers. See the Block Diagram in Figure 1-1. Each
of the four framers within the DS21Q43A maintains the same register structure that appeared in the
DS2143. The two framer-select inputs (FS0 and FS1) are used to determine which framer within the
DS21Q43A is being accessed. In this manner, software written for the DS2143 can also be used in the
DS21Q43A with only slight modifications. Several new features have been added to the framers in the
DS21Q43A over the DS2143.
ADDED FEATURE
SECTION
Non-multiplexed parallel control port operation
2 and 13
Transmit side elastic store
10
Expanded access to Sa and Si bits
6
Control signals RFSYNC, RMSYNC, and TFSYNC
1
FAS word error counting
5
Code violation counting
5
Automatic AIS generation upon loss of frame sync
3
Automatic remote alarm generation
3
Per-channel signaling insertion
9 and 11
Per-channel loopback from RSER to TSER
8 and 11
Option to update error counters every 62.5 ms
5
CRC4 resync criteria met status bit
4
Elastic store reset
10
Hardware 3-state control
1


Similar Part No. - DS21Q43A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
More results

Similar Description - DS21Q43A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
logo
Dallas Semiconductor
DS21Q44 DALLAS-DS21Q44 Datasheet
620Kb / 105P
   Enhanced QUAD E1 FRAMER
logo
Maxim Integrated Produc...
DS21Q44 MAXIM-DS21Q44 Datasheet
708Kb / 105P
   Enhanced Quad E1 Framer
062602
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
   QUADRUPLE E1 FRAMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com