Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS140A76 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS140A76
Description  140MHz SAW Filter 3.2MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS140A76 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS140A76 Datasheet HTML 1Page - SIPAT Co,Ltd LBS140A76 Datasheet HTML 2Page - SIPAT Co,Ltd LBS140A76 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS140A76
Rev. Date
2012-05-08
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
140MHz SAW Filter
3.2MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LB
Number:LB
Number:LB
Number:LBS140A76
S140A76
S140A76
S140A76
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
139.9
140
140.1
Insertion Loss
dB
-
23.6
28
3dB Bandwidth
MHz
3.2
3.30
-
35dB Bandwidth
MHz
4.01
4.1
40dB Bandwidth
MHz
4.06
4.2
Passband Variation
dB
-
0.5
1.2
Absolute Delay
usec
-
3.37
4.0
Ultimate Rejection(f0±6.6MHz)
dB
50
52
-
Material Temperature coefficient
KHz/°C
-0.14
Substrate Material
-
AT-QZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1C
Package Size
DIP2712 (27.0*12.8*4.7mm3)
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS140A76

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS140A78 SIPAT-LBS140A78 Datasheet
322Kb / 3P
   140MHz SAW Filter 3.7MHz Bandwidth
More results

Similar Description - LBS140A76

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS17206 SIPAT-LBS17206 Datasheet
254Kb / 3P
   172.4MHz SAW Filter 3.2MHz Bandwidth
LBS11409 SIPAT-LBS11409 Datasheet
288Kb / 3P
   113.5MHz SAW Filter 3.2MHz Bandwidth
LBS15704 SIPAT-LBS15704 Datasheet
287Kb / 3P
   157.4MHz SAW Filter 3.2MHz Bandwidth
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
   140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
   140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
   140MHz SAW Filter 29MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
   140MHz SAW Filter 26MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com