Electronic Components Datasheet Search |
|
LM-LP-1001L Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
LM-LP-1001L Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page Features ■ Fully encapsulated ■ Low profile ■ High dielectric strength ■ Ten models available ■ Ex stock ■ Competitively priced ■ RoHS compliant* Applications ■ Line matching ■ Fax modem LM-NP/-LP 1000 Series - Line Matching Transformers *RoHS Directive 2002/95/EC Jan 27, 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications Note The LM-NP/-LP-1000 Series Line Matching Transformers meet the return loss specifications of BS 6305. It is important, however, to use the circuit recommended by BS 6305 for return loss measurements. The LM-NP-1000 Series are EN 41003 approved. How To Order LM-xP-100x0xx L Model Termination L = Tin only (RoHS Compliant) DIMENSIONS: MM (INCHES) Product Dimensions WHITE MARK 43 2 1 567 8 LM-NP SERIES LM-LP SERIES and LM-NP-1001-B1 *:pitch = 1/10 " = 2.54 (.100) (for number of pins see pin assignment) 17.7 + 0.2 (.700 + .008) 17.7 + 0.2 (.700 + .008) DIA 0.6 (.023) 2.5 (.100) 2.5 (.100) 12.7 + 0.15 (.500 + .006) 3.0 (.118) 3.0 (.118) 5.04 (.200) 12.6 + 0.2 (.496 + .008) 10.5 + 0.2 (.413 + .008) 3.2 ± 0.8 (.126 ± .031) 5.04 (.200) * * * Pin Assignment and Winding Configurations (Bottom View) LM-NP-1001-B1L LM-LP-1001L LM-NP-1002L LM-LP-1002L LM-NP-1003L LM-LP-1003L LM-NP-1004L LM-LP-1004L LM-NP-1005L LM-LP-1005L one-winding center-tapped* one winding split* both windings center-tapped both windings split * Due to the unique design and the most advanced manufacturing techniques the 2 coils are fully identical, meaning there is no real primary nor secondary winding. Depending on the application, the transformers can be used either way. |
Similar Part No. - LM-LP-1001L |
|
Similar Description - LM-LP-1001L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |