Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51146-1400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51146-1400
Description  1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 14
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51146-1400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51146-1400 Datasheet HTML 1Page - Molex Electronics Ltd. 51146-1400 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51146-1400
Status:
Active
Overview:
PanelMate™ Wire-to-Board Connector System
Description:
1.25mm Pitch PanelMate™ Wire-to-Board Receptacle Housing, Ultra Low Profile, 14
Circuits
Documents:
3D Model
Product Specification PS-51146-010 (PDF)
Drawing (PDF)
Product Specification PS-51146-011 (PDF)
Product Specification PS-51146-001 (PDF)
Product Specification PS-51146-012 (PDF)
Product Specification PS-51146-006 (PDF)
Packaging Specification SPK-51146-001 (PDF)
Product Specification PS-51146-008 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Crimp Housings
Series
51146
Application
Power, Wire-to-Board
MolexKits
Yes
Overview
PanelMate™ Wire-to-Board Connector System
Product Name
PanelMate™
UPC
800753324343
Physical
Circuits (maximum)
14
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Net Weight
117.200/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.25mm
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51146-001
Product Specification
PS-51146-001, PS-51146-006, PS-51146-008,
PS-51146-010, PS-51146-011, PS-51146-012,
RPS-51146-003, RPS-51146-004, RPS-51146-007,
RPS-51146-008, RPS-51146-009, RPS-51146-010,
RPS-51146-011, RPS-51146-012, RPS-51146-013,
RPS-51146-015, RPS-51146-016, RPS-51146-017,
RPS-51146-019, RPS-51146-020, RPS-51146-022,
RPS-51146-023, RPS-51146-025, RPS-51146-026,
RPS-51146-027, RPS-51146-028, RPS-51146-029,
RPS-51146-035
Sales Drawing
SD-51146-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51146Series
Mates With
53780
Use With
50641 Crimp Terminal . 50753 Crimp
Terminal


Similar Part No. - 51146-1400

ManufacturerPart #DatasheetDescription
logo
MolexKits
51146-1400 MOLEXKITS-51146-1400 Datasheet
39Kb / 3P
   Ultra Low Profile SMT Right Angle Header and Receptacle
More results

Similar Description - 51146-1400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51146-2000 MOLEX11-51146-2000 Datasheet
37Kb / 2P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 20
51146-1200 MOLEX11-51146-1200 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 12
51146-0600 MOLEX11-51146-0600 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 6
51146-0700 MOLEX11-51146-0700 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 7
51146-0800 MOLEX11-51146-0800 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 8
51146-0200 MOLEX11-51146-0200 Datasheet
37Kb / 2P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 2
51146-0400 MOLEX11-51146-0400 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 4
51146-0500 MOLEX11-51146-0500 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 5
51146-1500 MOLEX11-51146-1500 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 15
51146-1800 MOLEX11-51146-1800 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com