Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21FT40 Datasheet(PDF) 53 Page - Dallas Semiconductor

Part # DS21FT40
Description  Four x Three 12 Channel E1 Framer
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT40 Datasheet(HTML) 53 Page - Dallas Semiconductor

Back Button DS21FT40 Datasheet HTML 49Page - Dallas Semiconductor DS21FT40 Datasheet HTML 50Page - Dallas Semiconductor DS21FT40 Datasheet HTML 51Page - Dallas Semiconductor DS21FT40 Datasheet HTML 52Page - Dallas Semiconductor DS21FT40 Datasheet HTML 53Page - Dallas Semiconductor DS21FT40 Datasheet HTML 54Page - Dallas Semiconductor DS21FT40 Datasheet HTML 55Page - Dallas Semiconductor DS21FT40 Datasheet HTML 56Page - Dallas Semiconductor DS21FT40 Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
DS21FT40
53 of 87
TAF: TRANSMIT ALIGN FRAME REGISTER (Address=20 Hex)
(MSB)
(LSB)
Si
00
110
11
[Must be programmed with the 7 bit FAS word; the DS21FT40 does not automatically set these bits]
SYMBOLS
POSITION
NAME AND DESCRIPTION
Si
TAF.7
International Bit.
0
TAF.6
Frame Alignment Signal Bit.
0
TAF.5
Frame Alignment Signal Bit.
1
TAF.4
Frame Alignment Signal Bit.
1
TAF.3
Frame Alignment Signal Bit.
0
TAF.2
Frame Alignment Signal Bit.
1
TAF.1
Frame Alignment Signal Bit.
1
TAF.0
Frame Alignment Signal Bit.
TNAF: TRANSMIT NON–ALIGN FRAME REGISTER (Address=21 Hex)
(MSB)
(LSB)
Si
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
[Bit 2 must be programmed to one; the DS21FT40 does not automatically set this bit]
SYMBOLS
POSITION
NAME AND DESCRIPTION
Si
TNAF.7
International Bit.
1
TNAF.6
Frame Non–Alignment Signal Bit.
A
TNAF.5
Remote Alarm (used to transmit the alarm).
Sa4
TNAF.4
Additional Bit 4.
Sa5
TNAF.3
Additional Bit 5.
Sa6
TNAF.2
Additional Bit 6.
Sa7
TNAF.1
Additional Bit 7.
Sa8
TNAF.0
Additional Bit 8.
13.2 INTERNAL REGISTER SCHEME BASED ON CRC4 MULTIFRAME
On the receive side, there is a set of eight registers (RSiAF, RSiNAF, RRA, RSa4 to RSa8) that report the
Si and Sa bits as they are received. These registers are updated with the setting of the Receive CRC4
Multiframe bit in Status Register 2 (SR2.1). The host can use the SR2.1 bit to know when to read these
registers. The user has 2 ms to retrieve the data before it is lost. The MSB of each register is the first
received. Please see the register descriptions below and the Transmit Data Flow diagram in Section 16
for more details. On the transmit side, there is also a set of eight registers (TSiAF, TSiNAF, TRA, TSa4
to TSa8) that via the Transmit Sa Bit Control Register (TSaCR), can be programmed to insert both Si and
Sa data. Data is sampled from these registers with the setting of the Transmit Multiframe bit in Status
Register 2 (SR2.5). The host can use the SR2.5 bit to know when to update these registers. It has 2 ms to
update the data or else the old data will be retransmitted. The MSB of each register is the first bit
transmitted. Please see the register descriptions below and the Transmit Data Flow diagram in Section 16
for more details.


Similar Part No. - DS21FT40

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21FT42 DALLAS-DS21FT42 Datasheet
466Kb / 145P
   4 X 3 Twelve Channel T1 Framer
logo
Maxim Integrated Produc...
DS21FT42 MAXIM-DS21FT42 Datasheet
697Kb / 114P
   4 x 3 12-Channel T1 Framer 4 x 4 16-Channel T1 Framer
080702
logo
Dallas Semiconductor
DS21FT44 DALLAS-DS21FT44 Datasheet
678Kb / 110P
   4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
logo
Maxim Integrated Produc...
DS21FT44 MAXIM-DS21FT44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
More results

Similar Description - DS21FT40

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21FF44 MAXIM-DS21FF44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
logo
PMC-Sierra, Inc
PM4354-1 PMC-PM4354-1 Datasheet
52Kb / 2P
   Four Channel Combined E1/T1/J1 Transceiver/Framer
PM4354 PMC-PM4354 Datasheet
3Mb / 463P
   FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PM4354 PMC-PM4354 Datasheet
64Kb / 4P
   Four Channel Combined E1/T1/J1 Transceiver/Framer
logo
Dallas Semiconductor
DS21FT44 DALLAS-DS21FT44 Datasheet
678Kb / 110P
   4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
logo
Maxim Integrated Produc...
DS21FF42 MAXIM-DS21FF42 Datasheet
697Kb / 114P
   4 x 3 12-Channel T1 Framer 4 x 4 16-Channel T1 Framer
080702
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com