Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS70-0.2 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS70-0.2
Description  70MHz SAW Filter 0.2MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS70-0.2 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS70-0.2 Datasheet HTML 1Page - SIPAT Co,Ltd LBS70-0.2 Datasheet HTML 2Page - SIPAT Co,Ltd LBS70-0.2 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS70-0.2
Rev. Date
2008-02-26
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
70MHz SAW Filter
0.2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS70-0.2
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.987
70
70.013
Insertion Loss
dB
-
15
18
3 dB Bandwidth
MHz
0.226
0.23
0.24
30 dB Bandwidth
MHz
-
0.61
0.65
Passband Variation
dB
-
0.1
0.2
Phase Linearity(f0±0.1MHz)
deg
-
5
-
Group Delay Variation(f0±0.1MHz)
nsec
-
400
-
Absolute Delay
usec
-
3.75
-
Ultimate Rejection
dB
45
48
60
Material Temperature coefficient
KHz/°C
0.07
Substrate Material
-
Qz
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3616 (36.0x16.0x5.0mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS70-0.2

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70-0.2 SIPAT-LBS70-0.2 Datasheet
194Kb / 3P
   70MHz SAW Filter 0.2MHz Bandwidth
More results

Similar Description - LBS70-0.2

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70-0.2 SIPAT-LBS70-0.2 Datasheet
194Kb / 3P
   70MHz SAW Filter 0.2MHz Bandwidth
LBS70-02 SIPAT-LBS70-02 Datasheet
189Kb / 3P
   70MHz SAW Filter 0.2MHz Bandwidth
LBS07107 SIPAT-LBS07107 Datasheet
189Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07507 SIPAT-LBS07507 Datasheet
146Kb / 3P
   75MHz SAW Filter 0.2MHz Bandwidth
LBS07107 SIPAT-LBS07107 Datasheet
184Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07103 SIPAT-LBS07103 Datasheet
142Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07104 SIPAT-LBS07104 Datasheet
144Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS140A23 SIPAT-LBS140A23 Datasheet
190Kb / 3P
   140MHz SAW Filter 0.2MHz Bandwidth
LBS07103 SIPAT-LBS07103 Datasheet
136Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07105 SIPAT-LBS07105 Datasheet
138Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com